Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 117 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 117 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 166 page
background image
ST7735
V1.7
117
2009-12-04
10.1.32 RDID3 (DCh): Read ID3 Value
DCH
RDID3 (Read ID2 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDID3
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
Description
-This read byte returns 8-bit LCD module/driver ID.
-The 1st parameter is dummy data
-The 2nd parameter (ID37 to ID30): LCD module/driver ID.
NOTE: See command RDDID (04h), 4th parameter.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
NV Value
S/W Reset
NV Value
H/W Reset
NV Value
Flow Chart
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter
Read ID3
Read ID3
Send 2nd
parameter
Dummy
Read
Send 2nd
parameter
Serial I/F Mode
Parallel I/F Mode
Host
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com