Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 121 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 121 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 166 page
background image
ST7735
V1.7
121
2009-12-04
Table 10.2.4 Panel Function Command List (4)
Instruction
Refer
D/CX WRX RDX D17-8 D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
0
↑
1
-
1
1
1
0
0
0
0
0
(E0h) Set
1
↑
1
-
---
---
VRFP[5]
VRFP[4]
VRFP[3]
VRFP[2]
VRFP[1]
VRF0P[0]
1
↑
1
-
---
---
VOS0P[5]
VOS0P[4]
VOS0P[3]
VOS0P[2]
VOS0P[1]
VOS0P[0]
1
↑
1
-
---
---
PKP0[5]
PKP0[4]
PKP0[3]
PKP0[2]
PKP0[1]
PKP0[0]
1
↑
1
-
---
---
PKP1[5]
PKP1[4]
PKP1[3]
PKP1[2]
PKP1[1]
PKP1[0]
1
↑
1
-
---
---
PKP2[5]
PKP2[4]
PKP2[3]
PKP2[2]
PKP2[1]
PKP2[0]
1
↑
1
-
---
---
PKP3[5]
PKP3[4]
PKP3[3]
PKP3[2]
PKP3[1]
PKP3[0]
1
↑
1
-
---
---
PKP4[5]
PKP4[4]
PKP4[3]
PKP4[2]
PKP4[1]
PKP4[0]
1
↑
1
-
---
---
PKP5[5]
PKP5[4]
PKP5[3]
PKP5[2]
PKP5[1]
PKP5[0]
1
↑
1
-
---
---
PKP6[5]
PKP6[4]
PKP6[3]
PKP6[2]
PKP6[1]
PKP6[0]
1
↑
1
-
---
---
PKP7[5]
PKP7[4]
PKP7[3]
PKP7[2]
PKP7[1]
PKP7[0]
1
↑
1
-
---
---
PKP8[5]
PKP8[4]
PKP8[3]
PKP8[2]
PKP8[1]
PKP8[0]
1
↑
1
---
---
PKP9[5]
PKP9[4]
PKP9[3]
PKP9[2]
PKP9[1]
PKP9[0]
1
↑
1
-
---
---
SELV0P[5] SELV0P[4]
SELV0P[3]
SELV0P[2]
SELV0P[1]
SELV0P[0]
1
↑
1
-
---
---
SELV1P[5] SELV1P[4]
SELV1P[3]
SELV1P[2]
SELV1P[1]
SELV1P[0]
1
↑
1
---
---
SELV62P[5] SELV62P[4]
SELV62P[3]
SELV62P[2]
SELV62P[1]
SELV62P[0]
GAMCTRP1 10.2.19
1
↑
1
-
---
---
SELV63P[5] SELV63P[4]
SELV63P[3]
SELV63P[2]
SELV63P[1]
SELV63P[0]
Gamma
adjustment
(+ polarity)
0
↑
1
-
1
1
1
0
0
0
0
1
(E1h) Set
1
↑
1
-
---
---
VRF0N[5]
VRF0N[4]
VRF0N[3]
VRF0N[2]
VRF0N[1]
VRF0N[0]
1
↑
1
-
---
---
VOS0N[5]
VOS0N[4]
VOS0N[3]
VOS0N[2]
VOS0N[1]
VOS0N[0]
1
↑
1
-
---
---
PKN0[5]
PKN0[4]
PKN0[3]
PKN0[2]
PKN0[1]
PKN0[0]
1
↑
1
-
---
---
PKN1[5]
PKN1[4]
PKN1[3]
PKN1[2]
PKN1[1]
PKN1[0]
1
↑
1
-
---
---
PKN2[5]
PKN2[4]
PKN2[3]
PKN2[2]
PKN2[1]
PKN2[0]
1
↑
1
-
---
---
PKN3[5]
PKN3[4]
PKN3[3]
PKN3[2]
PKN3[1]
PKN3[0]
1
↑
1
-
---
---
PKN4[5]
PKN4[4]
PKN4[3]
PKN4[2]
PKN4[1]
PKN4[0]
1
↑
1
-
---
---
PKN5[5]
PKN5[4]
PKN5[3]
PKN5[2]
PKN5[1]
PKN5[0]
1
↑
1
-
---
---
PKN6[5]
PKN6[4]
PKN6[3]
PKN6[2]
PKN6[1]
PKN6[0]
1
↑
1
-
---
---
PKN7[5]
PKN7[4]
PKN7[3]
PKN7[2]
PKN7[1]
PKN7[0]
1
↑
1
-
---
---
PKN8[5]
PKN8[4]
PKN8[3]
PKN8[2]
PKN8[1]
PKN8[0]
1
↑
1
-
---
---
PKN9[5]
PKN9[4]
PKN9[3]
PKN9[2]
PKN9[1]
PKN9[0]
1
↑
1
-
---
---
SELV0N[5] SELV0N[4]
SELV0N[3]
SELV0N[2]
SELV0N[1]
SELV0N[0]
1
↑
1
-
---
---
SELV1N[5] SELV1N[4]
SELV1N[3]
SELV1N[2]
SELV1N[1]
SELV1N[0]
1
↑
1
-
---
---
SELV62N[5] SELV62N[4]
SELV62N[3]
SELV62N[2]
SELV62N[1]
SELV62N[0]
GAMCTRN1 10.2.20
1
↑
1
-
---
---
SELV63N[5] SELV63N[4]
SELV63N[3]
SELV63N[2]
SELV63N[1]
SELV63N[0]
Gamma
adjustment
(- polarity)
0
↑
1
-
1
1
1
1
0
0
0
0
(F0h)
EXTCTRL
10.2.21
1
↑
1
-
0
0
0
0
0
0
0
1
01
Extension
Command
Control
0
↑
1
-
1
1
1
1
1
1
1
1
(FFh)
1
↑
1
-
TC2[3] TC2[2] TC2[1]
TC2[0]
TC1[3]
TC1[2]
TC1[1]
TC1[0]
1
↑
1
-
-
-
-
-
TC3[3]
TC3[2]
TC3[1]
TC3[0]
VCOM4L
10.2.22
1
↑
1
-
0
0
0
1
1
0
1
0
Vcom 4
Level
control
“-“: Don’t care
Note 1: E0-E1 registers are fixed for adjusting Gamma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com