Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 120 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 120 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 166 page
background image
ST7735
V1.7
120
2009-12-04
Table 10.2.3 Panel Function Command List (3)
Instruction Refer
D/CX WRX RDX D17-8 D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
0
↑
1
-
1
1
0
1
0
0
1
0
(D2h)
Customer Project
code
WRID3
10.2.14
1
↑
1
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
Set the project code
at ID3
0
↑
1
-
1
1
1
1
1
1
0
0
(FC)
In partial mode + Idle
1
↑
1
-
-
Sapa
[2]
Sapa
[1]
Sapa
[0]
---
Sapb
[2]
Sapb
[1]
Sapb
[0]
PWCTR6
10.2.15
1
↑
1
-
-
Sapc
[2]
Sapc
[1]
Sapc
[0]
---
DCD
[2]
DCD
[1]
DCD
[0]
0
↑
1
-
1
1
0
1
1
0
0
1
(D9)
NVCTR1
10.2.16
1
↑
1
-
0
0
VMF
_EN
ID2
_EN
0
0
0
0
EEPROM control
status
0
↑
1
-
1
1
0
1
1
1
1
0
(DEh)
EEPROM Read
Command
NVCTR2
10.2.17
1
↑
1
-
1
0
1
0
0
1
0
1
A5
Action code
0
↑
1
-
1
1
0
1
1
1
1
1
(DFh)
EEPROM Write
Command
1
↑
1
-
EE_
IB7
EE_
IB6
EE_
IB5
EE_
IB4
EE_
IB3
EE_
IB2
EE_
IB1
EE_
IB0
1
↑
1
-
EE_
CMD7
EE_
CMD6
EE_
CMD5
EE_
CMD4
EE_
CMD3
EE_
CMD2
EE_
CMD1
EE_
CMD0
NVCTR3
10.2.18
1
↑
1
-
1
0
1
0
0
1
0
1
A5
“-“: Don’t care
Note 1: The D1h to D3h registers are fixed for about ID code setting.
Note 2: The D9h, DEh and DFh registers are used for NV Memory function controller. (Ex: write, clear, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com