Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 124 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 124 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 166 page
background image
ST7735
V1.7
124
2009-12-04
10.2.3 FRMCTR3 (B3h): Frame Rate Control (In Partial mode/ full colors)
B3H
FRMCTR3 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
FRMCTR3
0
↑
1
-
1
0
1
1
0
0
1
1
(B3h)
1
st parameter
1
↑
1
-
-
-
-
-
RTNC3
RTNC2
RTNC1
RTNC0
2
nd parameter
1
↑
1
-
-
-
FPC5
FPC4
FPC3
FPC2
FPC1
FPC0
3
rd parameter
1
↑
1
-
-
-
BPC5
BPC4
BPC3
BPC2
BPC1
BPC0
4
th parameter
1
↑
1
-
-
-
-
-
RTND3
RTND2
RTND1
RTND0
5
th parameter
1
↑
1
-
-
-
FPD5
FPD4
FPD3
FPD2
FPD1
FPD0
6
th parameter
1
↑
1
-
-
-
BPD5
BPD4
BPD3
BPD2
BPD1
BPD0
Description
-Set the frame frequency of the Partial mode/ full colors.
- 1st parameter to 3rd parameter are used in line inversion mode.
- 4th parameter to 6th parameter are used in frame inversion mode.
- Frame rate=fosc/((RTNC + 20) x (LINE + FPC + BPC))
- 1 < FPC(front porch) + BPC(back porch) ; Back porch ≠0
Note: fosc = 333kHz
Default
Status
Default Value
GM[2:0] = “000”
GM[2:0] = “011”
Power On Sequence
02h/2Ch/2Dh/02h/2Ch/2Dh
02h/2Dh/2Eh/02h/2Dh/2Eh
S/W Reset
02h/2Ch/2Dh/02h/2Ch/2Dh
02h/2Dh/2Eh/02h/2Dh/2Eh
H/W Reset
02h/2Ch/2Dh/02h/2Ch/2Dh
02h/2Dh/2Eh/02h/2Dh/2Eh
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com