Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 126 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 126 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 166 page
background image
ST7735
V1.7
126
2009-12-04
10.2.5 DISSET5 (B6h): Display Function set 5
B6H
DISSET (Display Function set 5)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
DISSET5
0
↑
1
-
1
0
1
1
0
1
1
0
(B6h)
1
st parameter
1
↑
1
-
0
0
NO1
NO0
SDT1
SDT0
EQ1
EQ0
2
nd parameter
1
↑
1
-
0
0
0
0
PTG1
PTG0
PT1
PT0
Description
1st parameter: Set output waveform relation.
-NO[1:0]: Set the amount of non-overlap of the gate output
NO[1:0]
Amount of non-overlap of the gate
output
Refer the Internal oscillator
00
00h
1 clock cycle
01
01h
2 clock cycle
10
02h
4 clock cycle
11
03h
6 clock cycle
-SDT[1:0]: Set delay amount from gate signal rising edge of the source output
.
SDT[1:0]
Delay amount form gate signal rising
edge of the source output
Refer the Internal oscillator
00
00h
0 clock cycle
01
01h
1 clock cycle
10
02h
2 clock cycle
11
03h
3 clock cycle
-EQ[1:0]: Set the Equalizing period
EQ[1:0]
Equalizing period
Refer the Internal oscillator
00
00h
No EQ
01
01h
3 clock cycle
10
02h
5 clock cycle
11
03h
7 clock cycle
-2nd parameter: Set the output waveform in non-display area.
-PTG[1:0]: Determine gate output in a non-display area in the partial mode
-PT[1:0]: Determine Source /VCOM output in a non-display area in the partial mode
PTG[1:0]
Gate output in a non-display area
00
00h
Normal scan
01
01h
Fix on VGL
10
02h
Fix on VGL
11
03h
Fix on VGL
PT[1:0]
Source output on non-display area
VCOM output on non-display area
Positive
Negative
Positive
Negative
00
00h
V63
V0
VCOML
VCOMH
01
01h
V0
V63
VCOML
VCOMH
10
02h
AGND
AGND
AGND
AGND
11
03h
Hi-z
Hi-z
AGND
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com