Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 123 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 123 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 166 page
background image
ST7735
V1.7
123
2009-12-04
10.2.2 FRMCTR2 (B2h): Frame Rate Control (In Idle mode/ 8-colors)
B2H
FRMCTR2 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
FRMCTR2
0
↑
1
-
1
0
1
1
0
0
1
0
(B2h)
1
st parameter
1
↑
1
-
-
-
-
-
RTNB3
RTNB2
RTNB1
RTNB0
2
nd parameter
1
↑
1
-
-
-
FPB5
FPB4
FPB3
FPB2
FPB1
FPB0
3
rd parameter
1
↑
1
-
-
-
BPB5
BPB4
BPB3
BPB2
BPB1
BPB0
Description
-Set the frame frequency of the Idle mode.
- Frame rate=fosc/((RTNB + 20) x (LINE + FPB + BPB))
- 1 < FPB(front porch) + BPB(back porch) ; Back porch ≠0
Note: fosc = 333kHz
Default
Status
Default Value
GM[2:0] = “000”
GM[2:0] = “011”
Power On Sequence
02h/2Ch/2Dh
02h/2Dh/2Eh
S/W Reset
02h/2Ch/2Dh
02h/2Dh/2Eh
H/W Reset
02h/2Ch/2Dh
02h/2Dh/2Eh
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com