Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 128 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 128 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 166 page
background image
ST7735
V1.7
128
2009-12-04
10.2.6 PWCTR1 (C0h): Power Control 1
C0H
PWCTR1 (Power Control 1)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
PWCTR1
0
↑
1
-
1
1
0
0
0
0
0
0
(C0h)
1
st paramete 1
↑
1
-
0
0
0
VRH4
VRH3
VRH2
VRH1
VRH0
2
nd parameter 1
↑
1
-
0
1
IB_SEL1IB_SEL0-
0
0
0
Description
-Set the GVDD voltage
Note: AVDD=5.3V
VRH[4:0]
GVDD
00000
00h
5.00
00001
01h
4.75
00010
02h
4.70
00011
03h
4.65
00100
04h
4.60
00101
05h
4.55
00110
06h
4.50
00111
07h
4.45
01000
08h
4.40
01001
09h
4.35
01010
0Ah
4.30
01011
0Bh
4.25
01100
0Ch
4.20
01101
0Dh
4.15
01110
0Eh
4.10
01111
0Fh
4.05
10000
10h
4.00
10001
11h
3.95
10010
12h
3.90
10011
13h
3.85
10100
14h
3.80
10101
15h
3.75
10110
16h
3.70
10111
17h
3.65
11000
18h
3.60
11001
19h
3.55
11010
1Ah
3.50
11011
1Bh
3.45
11100
1Ch
3.40
11101
1Dh
3.35
11110
1Eh
3.25
11111
1Fh
3.00
Restriction
-If this register not using the register need be reserved.
-The deviation value of GVDD between with Measurement and Specification : Max <= 50mV
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
IB_SEL[1:0]
AVDD
00
00h
2.5uA
01
01h
2.0uA
10
02h
1.5uA
11
03h
1.0uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com