Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF507 Datasheet HTML 1Page - Micrel Semiconductor MICRF507 Datasheet HTML 2Page - Micrel Semiconductor MICRF507 Datasheet HTML 3Page - Micrel Semiconductor MICRF507 Datasheet HTML 4Page - Micrel Semiconductor MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
5
M9999-032210-B
Pin Configuration
32-Pin MLF
®
Pin Description
Pin Number
Pin Name
Type
Pin Function
1
RFGND
LNA and PA ground.
2
PTATBIAS
O
Connection for bias resistor.
3
RFVDD
LNA and PA power supply.
4
RFGND
LNA and PA ground.
5
ANT
I/O
Antenna Input/Output.
6
RFGND
LNA and PA ground.
7
RFGND
LNA and PA ground.
8, 16, 17, 32
NC
No connect. Leave these pins floating.
9
CIBIAS
O
Connection for bias resistor.
10
IFVDD
IF/mixer power supply.
11
IFGND
IF/mixer ground.
12
ICHOUT
O
Test pin.
13
QCHOUT
O
Test pin.
14
RSSI
O
Received signal strength indicator.
15
LD
O
PLL lock indicator.
18
DATACLK
O
RX/TX data clock output.
19
DATAIXO
I/O
RX/TX data input/output.
20
IO
I/O
3-wire interface data in/output
21
SCLK
I
3-wire interface serial clock.
22
CS
I
3-wire interface chip select.
23
XTALIN
I
Crystal oscillator input.
24
XTALOUT
I/O
Crystal oscillator output or external reference input.
25
DIGVDD
Digital power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com