Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor MICRF507 Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
30
M9999-032210-B
Divider Modulation
When Modulation[1:0] = 10, two sets of divider values
need to be programmed. The divider values stored in the
M0, N0, and A0 registers are selected to transmit a ‘0’ and
the M1, N1, and A1 registers are selected to transmit a ‘1’.
2M0
A0
N0
16
f
f
XCO
RF0
+
×
=
2M1
A1
N1
16
f
f
XCO
RF1
+
×
=
The carrier frequency that a receiver must be set to in
order to receive the above transmitted signal is:
2
f
f
f
RF1
RF0
RF
+
=
and the single-sided deviation is:
2
f
f
f
RF0
RF1
DEV
−
=
The PLL must lock to a new frequency upon every
transition in the transmitted bitstream and therefore, needs
a high bandwidth, at least twice the bit rate.
VCO Modulation and the Modulator
VCO Modulation is selected when Modulation[1:0] = 00.
The modulator generates a waveform with programmable
amplitude and shape. This waveform is fed into a
modulation varactor in the VCO, which performs the
desired frequency modulation. The synthesizer operates
with A=A0, M=M0, and N=N0.
To create the modulating waveform the modulator charges
and discharges a capacitor, controlled by a modulator
clock. As shown in Figure 19, each transition of the
waveform takes four periods of the modulator clock.
Charge/discharge current, and therefore slope, varies so
as to “round” the waveform and reduce the transmission
spectral width.
The amplitude of the modulating waveform, and therefore
frequency deviation, is determined by the modulation clock
frequency (controlled by the crystal oscillator frequency
and the register fields Refclk_K, and Mod_ClkS), the
charge/discharge current (controlled by the register field
Mod_I), and the setting of an attenuator (controlled by the
register field Mod_A). The effects of these factors are
explained and quantified belo. A filter is provided to
optimize transmit bandwidth, the proper setting of which is
also explained below.
The synthesizer is a negative feedback loop that
suppresses perturbations inside the loop (including the
modulating varactor control voltage) below its bandwidth.
The PLL will not allow modulation unless its transient
response is slower than the bitstream pulses. Frequency
deviation is a high-pass response to modulation. This
means that when VCO modulation is used, the loop
bandwidth must be less than the lowest baseband spectral
component of the bitstream. It also means that the
bitstream must be DC-free (have an equal number of ones
and zeros). See “DC Balanced Line Coding” section.
Modulator Clock
Modulator Waveform
Figure 19. Modulator Waveform and Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com