Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor MICRF507 Datasheet HTML 10Page - Micrel Semiconductor MICRF507 Datasheet HTML 11Page - Micrel Semiconductor MICRF507 Datasheet HTML 12Page - Micrel Semiconductor MICRF507 Datasheet HTML 13Page - Micrel Semiconductor MICRF507 Datasheet HTML 14Page - Micrel Semiconductor MICRF507 Datasheet HTML 15Page - Micrel Semiconductor MICRF507 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
12
M9999-032210-B
Writing
This method is used to write either to one register (see
Figure 1), or any number of registers with consecutive
addresses up to all 22 writeable registers (see Figure 2) in
a single transaction.
Procedure:
•
Bring CS active (high). IO is initially an input (and
remains so for the duration of the transaction).
•
Clock in a byte consisting of the address bits and
the R/W bit. The first seven bits are the address
(starting with MSB) of the register, or the first
register if more than one, to be written. The eighth
bit is the R/W bit, which is 0 as this is a write
operation.
•
Clock in one or more bytes, MSB of each byte
first.
•
Bring CS low to end the transaction.
Bits passing through IO are clocked serially into pre-
buffers, then transferred in parallel to the actual registers
upon de-assertion of CS.
Figure 1. Writing a Byte into a Register
Figure 2. Writing Bytes into n+1 Registers at Consecutive Addresses Starting with Address i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com