Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 15Page - Micrel Semiconductor MICRF507 Datasheet HTML 16Page - Micrel Semiconductor MICRF507 Datasheet HTML 17Page - Micrel Semiconductor MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
19
M9999-032210-B
DATACLK
DATAIXO
Mode
Sync_en
Direction
Signal
Direction
Signal/Function
0
Output
0
Input
Modulates carrier directly
(asynchronously)
Transmit
1
Output
BitRate clock
Input
Sampled at rising edge of BitRate
clock; latched output modulates
carrier
0
Output
0
Output
Raw output from demodulator
Receive
1
Output
Clock recovered by bit
synchronizer
Output
Filtered and latched demodulator
output; transitions occur at rising
edge of DATACLK
Table 8. Synchronizer Mode and Data Interface
In sync mode (Sync_en bit set to 1), the transmitted bit
stream is clocked with the precision of the MICRF507’s
crystal
oscillator,
which
relaxes
timing
accuracy
requirements on the data source. During reception, the
synchronizer ensures that transitions of DATAIXO occur
only at rising edges of DATACLK, without edge jitter or
internal glitches. Receiver sensitivity values given in the
Electrical Characteristics table are measured with Sync_en
= 1; with Sync_en = 0, as much as 3-6 dB of sensitivity
could be lost.
Sync_en = 0
When Sync_en = 0, the input signal at DATAIXO
modulates the transmitter directly during transmission and
the output signal from DATAIXO is the raw demodulator
output. DATACLK remains fixed at a logic low level during
both transmission and reception.
Sync_en = 1
During transmission when Sync_en = 1 the data bit stream
entering DATAIXO is buffered with a flip-flop strobed at the
rising edge of BITRATE_CLK, and the output of the flip-
flop modulates the transmitter. BITRATE_CLK is brought
out at the DATACLK output. Figure 10 shows the
relationship of DATACLK and DATAIXO transitions.
DATAIXO
DATACLK
Figure 10. Data Interface in Transmit Mode
During reception, the bit synchronizer recovers the
received signal’s clock. This recovered clock strobes a flip-
flop that samples in mid-bit-period the demodulated and
filtered bit stream. The DATACLK output brings out the
recovered clock. DATAIXO (an output during reception)
brings out the synchronized data stream, which has its
transitions at rising edges of DATACLK. See Figure 11.
DATAIXO
DATACLK
Figure 11. Data Interface in Receive Mode
By being in control of bit timing, the MICRF507 is
effectively the “master.” For maximum timing margin, the
microcontroller, as the “slave,” can present or sample
(during transmit and receive, respectively) each new bit at
the DATAIXO pin at falling edges of DATACLK.
Additional Considerations in the Use of Synchronizer
(Sync_en = 1)
Two clock signals, BITRATE_CLK and BITSYNC_CLK,
must
be
properly
programmed
when
using
the
synchronizer. BITRATE_CLK, used in transmission, must
be
set
to
a
frequency
equal
to
the
bit
rate.
BITSYNC_CLK, used in reception, must have a frequency
16 times the bit rate. These frequencies are controlled by
the crystal oscillator frequency and the settings of register
fields, as described in the “Clock Generation” section. Bit
clocking of the incoming signal must agree with the
receiver’s local clocking within
±2.5% (easily met with 100
PPM or better crystals). For example, if fBITSYNC_CLK is
16x19.231kbps, the incoming bit rate can be between
0.975x19.231kbps to 1.025x19.231kbps.
All incoming messages must start with a 0101… preamble
so that the synchronizer can acquire the incoming clock. A
24-bit preamble is typically used; a minimum of 22 bits is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com