Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
29
M9999-032210-B
C4
12pF
C5
39pF
12pF
C6
L1
12nH
ANT (pin 5)
Figure 18. LC Filter
This filter is designed for the 490MHz band with 50Ω
terminations. Component values may have to be tuned to
compensate for layout parasitics.
Frequency Modulation
The MICRF507 supports two methods of FSK modulation,
selected with the Modulation field as shown in Table 18:
VCO modulation (enabled when Modulation1 is bit set to
0) and divider modulation (Modulation1 bit set to 1). The
Modulation0 bit must always remain 0.
Modulation1 Modulation0
State
0
0
Closed loop VCO-modulation
0
1
Not in use
1
0
Modulation by A,M and N
1
1
Not in use
Table 18. Modulation Field
Bits from the microcontroller to be transmitted enter at the
DATAIXO pin. See Table 19.
The modulation index ß must be a minimum of 2. It is
given by
b
DEV
r
f
2
=
β
in which fDEV is the single-sided deviation and rb is the bit
rate. Another constraint on fDEV is
fDEV ≥ rb + fOFFSET
where fOFFSET is the total frequency offset between the
receiver and the transmitter:
The calculated fDEV should be used to calculate the needed
receiver bandwidth, see “Switched Capacitor Filter”
section.
VCO Modulation
Frequency Divider Modulation
Set Modulation[1:0] to
00
10
Means of modulation
VCO modulation using modulator
Divider modulation by switching between
A0/M0/NO and A1/M1/N1
Register fields to set
Refclk_K, Mod_clkS, Mod_I, Mod_A,
Mod_F
A0, M0, N0, A1, M1, N1
PLL bandwidth required
Lower than 1/10 of bit rate
Higher than 2x bit rate
Bitstream constraints
DC balance required
None
Instantaneous frequency
waveform (spectrum)
determined by
Register fields affecting modulator
PLL transient response
Table 19. Modulation Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com