Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 40 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 40 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 36Page - Micrel Semiconductor MICRF507 Datasheet HTML 37Page - Micrel Semiconductor MICRF507 Datasheet HTML 38Page - Micrel Semiconductor MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor MICRF507 Datasheet HTML 43Page - Micrel Semiconductor MICRF507 Datasheet HTML 44Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
40
M9999-032210-B
ADR #
BIT #
Name
Description
Comments
0
Mod_I0
Modulator current setting, LSB
0000101
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
Mod_FHG
“0” mandatory. Modulator Test bit.
4
Mod_shape
“1” mandatory.Modulator shape enable
3
Mod_A3
Modulator attenuator setting, LSB
2
Mod_A2
Modulator attenuator setting
1
Mod_A1
Modulator attenuator setting
0
Mod_A0
Modulator attenuator setting, MSB (=0: Attenuator
active)
0000110
7
---------
Reserved/not in use
6
Mod_clkS2
Modulator clock setting 3.bit
5
Mod_clkS1
Modulator clock setting 2.bit
4
Mod_clkS0
Modulator clock setting 1.bit
3
BitSync_clkS2
BitSync clock setting 3.bit
2
BitSync_clkS1
BitSync clock setting 2.bit
1
BitSync_clkS0
BitSync clock setting 1.bit
0
BitRate_clkS2
Bitrate clock setting 3.bit
0000111
7
BitRate_clkS1
Bitrate clock setting 2.bit
6
BitRate_clkS0
Bitrate clock setting 1.bit
5
RefClk_K5
Reference clock divider 6.bit
4
RefClk_K4
Reference clock divider 5.bit
3
RefClk_K3
Reference clock divider 4.bit
2
RefClk_K2
Reference clock divider 3.bit
1
RefClk_K1
Reference clock divider 2.bit
0
RefClk_K0
Reference clock divider 1.bit
0001000
7
SC_HI
“1” mandatory. Switced Cap filter high current setting
on/off
6
ScClk_X2
“1” mandatory. Switced Cap clock mulitplied by two
5
ScSw_EN
“0” mandatory. Switch cap switch enable
4
ScClk4
SwitchCap clock divider 5.bit
3
ScClk3
SwitchCap clock divider 4.bit
2
ScClk2
SwitchCap clock divider 3.bit
1
ScClk1
SwitchCap clock divider 2.bit
0
ScClk0
SwitchCap clock divider 1.bit
0001001
7
PrescalMode_s
“1” mandatory. Select external control of prescal mode
(div32/33)
6
Prescale_s
“0” mandatory. Select external control of prescale mode
(div 32/33)
5
XCOAR_en
“1” mandatory. XCO amplitude regulation on/off
4
XCOtune4
Crystal oscillator trimming, LSB
3
XCOtune3
Crystal oscillator trimming
2
XCOtune2
Crystal oscillator trimming
1
XCOtune1
Crystal oscillator trimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com