Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 13Page - Micrel Semiconductor MICRF507 Datasheet HTML 14Page - Micrel Semiconductor MICRF507 Datasheet HTML 15Page - Micrel Semiconductor MICRF507 Datasheet HTML 16Page - Micrel Semiconductor MICRF507 Datasheet HTML 17Page - Micrel Semiconductor MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
17
M9999-032210-B
An external reference clock, when used instead of a
crystal, should be applied to pin 24 (XTALOUT) with pin
23 (XTALIN) not connected. To maintain proper DC
biasing within the chip, use AC-coupling between the
external reference and the XTALOUT-pin.
BITSYNC_CLK (Receiver Bit Synchronization Clock)
The frequency of the bit synchronization clock
fBITSYNC_CLK,
is a function of the crystal oscillator
frequency fXCO and the values of the register fields
Refclk_K and BitSync_clkS:
)
-
(7
XCO
K
BITSYNC_CL
2
Refclk_K
f
f
kS
BitSync_cl
×
=
The bit synchronizer uses a clock that needs to be
programmed to 16 times the actual bit rate. As an
example, a bit rate of 20kbps needs a bit synchronizer
clock with frequency of 320kHz. Refer to Figure 9 and
“Data Interface and Bit Synchronization” section for more
details.
BITRATE_CLK (Transmitter Bit Rate Clock)
The frequency fBITRATE_CLK of BITRATE_CLK is a function
of the crystal oscillator frequency fXCO and the values of
the register fields Refclk_K and BitRate_clkS:
kS)
BitRate_cl
-
(7
XCO
K
BITRATE_CL
2
Refclk_K
f
f
×
=
In transmit mode, when Sync_en = 1, BITRATE_CLK
appears on the DATACLK pin. Its frequency is equal to
the bit rate. Example; a bit rate of 20 kbit/sec requires an
fBITRATE_CLK of 20kHz. Refer to Figure 9 and the “Data
Interface and Bit Synchronization” subsection for more
details.
MODULATOR_CLK (VCO Modulator Clock)
The frequency fMOD_CLK of MODULATOR_CLK is a
function of the crystal oscillator frequency fXCO and the
values of the register fields Refclk_K and Mod_clkS:
)
-
(7
XCO
MOD_CLK
2
Refclk_K
f
f
Mod_clkS
×
=
The modulator clock is used if VCO modulation method
is selected. Set the modulator clock frequency to either
8x or 16x the bit rate. See “VCO Modulation and the
Modulator” subsection for more information.
BitRate_clkS[2:0]
BitSync_clkS[2:0]
Mod_clkS[2:0]
Corresponding Clock
Frequency
(fXCO is crystal frequency)
000
fXCO/(128xRefClk_K)
001
fXCO/(64xRefClk_K)
010
fXCO/(32xRefClk_K)
011
fXCO/(16xRefClk_K)
100
fXCO/(8xRefClk_K)
101
fXCO/(4xRefClk_K)
110
fXCO/(2xRefClk_K) (*)
111
fXCO /RefClk_K (*)
(*) Can not be used as BitRate_clk.
Table 5. Generation of Bitrate_clk, BitSync_clk
and Mod_clk
Data Interface and Bit Synchronization
Transmitted and received data bits are coupled to the
MICRF507 serially through the Data Interface. This Data
Interface consists of the DATAIXO and DATACLK pins.
This is a separate interface from the Control Interface
(CS, IO, and SCLK), for which see Control (3-wire)
Interface.
Figure 9 shows the data interface circuitry aboard the
MICRF507. DATAIXO is an input during transmission,
whereas during reception a driver is enabled and it
becomes an output. DATACLK is always an output.
A rule that applies when using VCO modulation is: after
commanding the MICRF507 to enter transmit mode, the
microcontroller shall tri-state the driver connected to
DATAIXO
to
leave
that
pin
floating
until
the
microcontroller begins sending data. See “Mode
Transitions” section for more details.
The data interface can be programmed for synchronous
and non-synchronous operation according to the setting
of the Sync_en bit; see Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com