Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 12Page - Micrel Semiconductor MICRF507 Datasheet HTML 13Page - Micrel Semiconductor MICRF507 Datasheet HTML 14Page - Micrel Semiconductor MICRF507 Datasheet HTML 15Page - Micrel Semiconductor MICRF507 Datasheet HTML 16Page - Micrel Semiconductor MICRF507 Datasheet HTML 17Page - Micrel Semiconductor MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
16
M9999-032210-B
Crystal Oscillator (XCO)
The crystal oscillator’s role as the synthesizer reference
demands very good phase and frequency stability. As
shown in Figure 7, the external components required for
the oscillator are a crystal, connected between pins 23
and 24, and loading capacitors.
Pin 24
XtalOut
Pin 23
XtalIn
C9
1.5pF
C8
1.5pF
Y1
TN4-26011
Figure 7. Crystal Oscillator Circuit
The load capacitance CL seen between the crystal
terminals is:
pin
XCOtune
9
8
L
C
C
C
1
C
1
1
C
+
+
+
=
Where CXCOtune is the capacitance of the internal
adjustable capacitor bank, and Cpin is defined as the
internal chip capacitance when XCOtune bits are all
zeros, plus PCB stray capacitance across pins 23 and
24. The value of Cpin is about 6pF. The loading capacitor
values required depend on the total CL specified for the
crystal for oscillation at the desired frequency.
It is possible to tune the crystal oscillator internally by
giving the 5-bit register field XCOtune a non-zero value,
which causes internal capacitors to be switched across
the crystal. As this capacitance increases, frequency
decreases. When XCOtune is set to its maximum value
of 31, approximately 4.5pF additional capacitance is
connected across the crystal pins.
The XCO tuning can be used to cancel crystal resonant
frequency error, both initial and with temperature. It can
be used in combination with the Frequency Error
Estimator (FEE). See “FEE” section.
The crystal used is a TN4-26011 from Toyocom.
Specification:
•
Package TSX-10A,
•
Nominal frequency 16.000000MHz
•
Frequency tolerance ±10ppm
•
Frequency stability ±9ppm, load capacitance
9pF
•
Pulling sensitivity 15ppm/pF
To achieve 9pF load capacitance required to center
TN4-26011 at 16MHz, set the external capacitors to
1.5pF and XCOtune=16dec. Figure 8 shows the tuning
range for two different capacitor values, 1.5pF and zero
(external capacitors omitted). External capacitor values
will strongly affect the tuning range. Using 1.5pF with the
above crystal gives a tuning range that is approximately
symmetrical about the center frequency.
-60,0
-40,0
-20,0
0,0
20,0
40,0
60,0
80,0
100,0
0
8
16
24
32
XCO bitvalue
2x1.5pF
2x0pF
Figure 8. XCO Tuning with the XCOtune Field
The start-up time of the cystal oscillator, given in Table
4, is about a millisecond and increases with capacitance.
When the MICRF507’s main mode is switched from
Power down mode to Transmit mode via Standby mode,
or to Receive mode via Standby mode, only the XCO is
energized at first. Current consumption during this
prestart period is approximately 280μA (the same as for
Standby mode). After the XCO amplitude is sufficient to
trigger the M-counter and produce two pulses at its
output, the remaining circuits on the chip are powered
on.
XCOtune
Start-up Time (µs)
0
590
1
590
2
700
4
700
8
810
16
1140
31
2050
Table 4. Typical Crystal Oscillator Start-up Time
with C8 = C9 = 1.5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com