Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 4Page - Micrel Semiconductor MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor MICRF507 Datasheet HTML 10Page - Micrel Semiconductor MICRF507 Datasheet HTML 11Page - Micrel Semiconductor MICRF507 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
8
M9999-032210-B
Electrical Characteristics(4) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
38.4kbps,
β = 2, 20dBc
140
kHz
125kbps,
β = 2, 20dBc
550
kHz
Occupied Bandwidth
(5)
200kbps,
β = 2, 20dBc
800
kHz
2
nd Harmonic(5)
-43
-36
dBm
3
rd Harmonic(5)
-59
-36
dBm
Spurious Emission in Restricted
Bands < 1GHz
(5)
-54
dBm
Spurious Emission < 1GHz
(5)
-36
dBm
Spurious Emission > 1GHz
(5)
-30
dBm
Receive Section
All Functions on
12
LNA bypassed
10.3
Switch cap filter bypassed, LNA on
9.8
Rx Current Consumption
Both switch cap filter and LNA
bypassed
8
mA
Rx Current Consumption Variation
Over temperature
2
mA
2.4kbps,
β = 16
-113
4.8kbps,
β = 16
-111
19.2kbps,
β = 4
-107
38.4kbps,
β = 4
-104
76.8kbps,
β = 2
-101
125kbps,
β = 2
-100
Receiver Sensitivity (BER 10
-3)
200kbps,
β = 2
-97
dBm
125kbps, 125kHz deviation, LNA on
+7
125kbps, 125kHz deviation, LNA
bypassed
+12
Receiver Maximum Input Power
20kbps, 40kHz deviation
+2
dBm
Over temperature
2
dB
Receiver Sensitivity Tolerance
Over power supply range
1
dB
Receiver Baseband Bandwidth
50
350
kHz
Co-Channel Rejection, BER = 10
-3
19.2kbps,
β = 6, PF_FC[1:0] = 01,
fCUT = 133kHz
-8
dB
±500kHz spacing
53
dB
Adjacent Channel Rejection, both
interferer and desired signal are
modulated at 19.2 kbps encoded
bit rate,
β = 6, PF_FC[1:0] = 01,
fCUT = 133kHz, BER = 10
-3
±1MHz spacing
58
dB
±1MHz
59
dB
±2MHz
60
dB
±5MHz
47
dB
CW Blocking above desired
signal, desired signal is modulated
at 19.2kbps,
β = 6, 3dB above
sensitivity, PF_FC[1:0] = 01,
fCUT = 133kHz, BER = 10
-3
±10MHz
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com