Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 16Page - Micrel Semiconductor MICRF507 Datasheet HTML 17Page - Micrel Semiconductor MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
20
M9999-032210-B
Frequency Synthesizer
The MICRF507 frequency synthesizer is an integer-N
phase-locked loop consisting of:
•
a reference source, made of an M-divider
clocked by the crystal oscillator
•
a voltage controlled oscillator (VCO)
•
a programmable frequency divider made of an
N-divider, an A-divider, and a dual modulus
prescaler
•
a phase/frequency detector
The loop filter is external for flexibility and can be a
simple passive circuit.
The phase/frequency detector compares the reference
frequency (from the M-divider) with the VCO output fed
through the programmable frequency divider. The
charge pump output of the phase/frequency detector,
after filtering, controls the VCO, closing the loop and forcing
the error between the reference frequency and the divided
VCO frequency to zero.
The block diagram, Figure 12, shows the basic elements and
arrangement of a PLL-based frequency synthesizer. The
MICRF507 has a dual modulus prescaler for increased
frequency resolution. In a dual modulus prescaler the main
divider is split into two parts, the main part N and an
additional divider A, where A < N. Both dividers are clocked
from the output of the dual-modulus prescaler, but only the
output of the N divider is fed into the phase detector. The
prescaler will first divide by 16. Both N and A count down
until A reaches zero, at which point the prescaler is switched
to a division ratio 16+1. At this point, the divider N has
completed A counts. Counting continues until N reaches
zero, which is an additional N-A counts. At this point, the
cycle repeats.
Field Name
Number
of bits
Location of bits
Description
M0
12
Reg13[3:0],
Reg14[7:0]
M0 counter
A0
6
Reg10[5:0]
A0 counter
N0
12
Reg11[3:0],
Reg12[7:0]
N0 counter
M1
12
Reg18[3:0],
Reg19[7:0]
M1 counter
A1
6
Reg15[5:0]
A1 counter
N1
12
Reg16[3:0],
Reg17[7:0]
N1 counter
CP_HI
1
Reg2[7]
High charge pump current (1= 500μA, 0 = 125µA)
VCO_Freq
2
Reg3[1:0]
Frequency setting of VCO (see Table 11)
VCO_IB
3
Reg3[4:2]
VCO bias current setting (see Table 11)
LD_en
1
Reg1[2]
Lock detect function on/off
Table 9. Register Bit Fields for Frequency Synthesizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com