Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 14Page - Micrel Semiconductor MICRF507 Datasheet HTML 15Page - Micrel Semiconductor MICRF507 Datasheet HTML 16Page - Micrel Semiconductor MICRF507 Datasheet HTML 17Page - Micrel Semiconductor MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
18
M9999-032210-B
Field Name
Number
of bits
Location
of bits
Description
Reference
Sync_en
1
Reg0[3]
Synchronizer Mode bit
Table 7
Table 6. Register Bit Fields for Data Interface and Bit Synchronization
Sync_en
State
Comments
0
RX: Bit
synchronization off
Transparent reception of data
0
TX: DataClk pin off
Transparent transmission of data
1
RX: Bit
synchronization on
Bit clock is generated by transceiver
1
TX: DataClk pin on
Bit clock is generated by transceiver
Table 7. Synchronizer Mode Bit
Figure 9. Data Interface and Synchronization
D Q
Bit
Sync
BITRATE_CLK
FROM
DEMOD
RECOVERED
CLOCK
RECEIVE
MODE
ENABLE
D Q
Sync_en
Sync_en = 0
Sync_en = 1
Sync_en = 0
Sync_en = 1
TRANSMIT
RECEIVE
19
18
DATAIXO
DATACLK
TO
TRANSMITTER
Filter &
data slicer
BITSYNC_CLK
TRANSMIT
DATA PATH
RECEIVE
DATA PATH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com