Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
23
M9999-032210-B
C3
C1
Pin 27
CP_OUT
Pin 29
VARIN
C2
R2
R1
Figure 14. Second and Third Order Loop Filter
Table 12 shows three different loop filter designs, the first
two for VCO modulation and the last one for modulation
using the internal dividers. The component values are
calculated with RF frequency = 490MHz, VCO gain =
67MHz/V as seen by the PLL, and desired phase margin =
56º. Other settings are shown in the table. The VARIN pin
capacitance (pin 29) of 6pF can be neglected for the two
filters with lowest bandwidth (which have R2=0 and
relatively large values of C1). For other loop bandwidth
and phase detector values, use the loop filter calculation
tool in RF Testbench software available on Micrel’s
website.
Lock Detect
A lock detector can be enabled by setting LD_en = 1.
When pin LD is high, it indicates that the PLL is in lock.
After a control word is loaded LD will (typically) go low,
then high again when the synthesizer has locked. LD also
goes low initially when the PA (power amplifier) is turning
on.
After the transceiver has been put into Receive or
Transmit mode, or after the power amplifier has been
turned on, a low-to-high transition at LD can serve as an
indicator that the synthesizer frequency has stabilized.
Encoded
Bit Rate
(kbps)
PLL
BW
(kHz)
Charge
Pump
(μA)
Phase
Detector
Freq. (kHz)
C1
C2
R1
R2
C3
VCO
>8
0.8
125
100
10nF
100nF
6.2kΩ
0
NC
VCO
>32
3.2
125
100
680pF
6.8nF
22kΩ
0
NC
Divider
<6.5
13
500
500
390pF
8.2nF
5kΩ
68kΩ
18pF
Table 12. Loop Filter Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com