Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor MICRF507 Datasheet HTML 36Page - Micrel Semiconductor MICRF507 Datasheet HTML 37Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
33
M9999-032210-B
System Modes and Initialization
Start-up and Initialization
After supply voltage is applied to the MICRF507, a power
on reset period elapses during which it should be
considered to be in an unknown state. The microcontroller
should wait until power on reset is completed.
See
“Power-On Reset” subsection within the “Control (3-wire)
Interface” section. After power-on is completed, all 22
writeable registers must be correctly initialized before
operation of the MICRF507. Write only non-zero values to
the M0, N0, M1, and N1 fields.
Modes of Operation
Mode1
Mode0
State
Comments
0
0
Power
down
Keeps register configuration
0
1
Standby
Only crystal oscillator
running
1
0
Receive
Full receive
1
1
Transmit
Full transmit except PA
state
Table 20. Main Mode Bits
Mode Transitions
To go from power down mode to either receive or transmit
mode, the MICRF507 needs to go through the standby
mode first. This is to ensure that the crystal oscillator starts
up correctly. Once the crystal oscillator settles, the
MICRF507 can go to receive or transmit mode.
When the mode has been changed to Transmit or
Receive, or when the power amplifier has been enabled,
the synthesizer must be allowed to stabilize. See “Lock
Detect” section.
When using VCO modulation; after MICRF507 has been
put in transmit mode, the microcontroller will tri-state the
driver connected to DATAIXO pin to leave that pin floating
until the microcontroller begins sending data. This is
because in transmit mode, the modulator is disabled while
the DATAIXO pin is floating (a weak voltage divider sets its
level at Vdd/2) in order to prevent a performance-
degrading transient when message transmission begins.
Below, “write to registers” means writing a complete
control word, or writing just to registers that need to
change.
Transition to transmit mode:
•
Write to registers, setting transmit mode, and other
changes as needed; set/keep PA off (to reduce
spurious emissions). This makes DATAIXO an
input.
•
Write to registers setting PA on (this requires
updating Register 0 only).
•
Wait for LD.
•
Enable the microcontroller’s pin as an output
driving DATAIXO and begin sending the transmit
bitstream.
•
After the last bit is transmitted return the
microcontroller’s pin to being an input.
Transition to receive mode:
•
Have
the
microcontroller’s
DATAIXO
driver
disabled.
•
Write to registers setting receive mode and other
changes as needed.
•
Wait for LD. Or, if desired, commence checking
the received bitstream for a valid message without
waiting.
Field Name
Number
of bits
Location
of bits
Description
Reference
Mode
2
Reg0[2:1]
Main mode selection
Table 20
OUTS
4
Reg2[3:0]
Test pins output
Table 28
Table 21. Register Bit Fields for System Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com