Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF507 Datasheet HTML 1Page - Micrel Semiconductor MICRF507 Datasheet HTML 2Page - Micrel Semiconductor MICRF507 Datasheet HTML 3Page - Micrel Semiconductor MICRF507 Datasheet HTML 4Page - Micrel Semiconductor MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MICRF507
470MHz to 510MHz Low-Power FSK
Transceiver with +10dBm Power Amplifier
RadioWire is a registered trademark of Micrel, Inc.
MLF is a registered trademark of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2010
M9999-032210-B
General Description
The MICRF507 is a fully integrated FSK transceiver with
+10dBm power amplifier and transmit/receive switch. The
device is targeted at automated meter reading (AMR)
applications in the China Short Range Device (SRD)
frequency band of 470MHz to 510MHz. The device
supports data rates up to 20kbps with PLL divider
modulation and up to 200kbps with VCO modulation. The
receiver achieves a sensitivity of -113dBm at a data rate of
2.4kbps while only consuming 12mA of supply current.
The integrated power amplifier (PA) delivers +10dBm of
output power while only consuming 21.5mA of supply
current. Power down supply current is a low 0.2µA while
retaining register information and a low 280µA in standby
mode where only the crystal oscillator is enabled.
The receiver of the MICRF507 utilizes a Zero IF (ZIF) I/Q
architecture, integrating a low-noise amplifier (LNA) with
bypass mode, I/Q quadrature mixers, three-pole Sallen-
Key IF channel pre-filters, and six-pole elliptic switched
capacitor IF filters, providing excellent selectivity, adjacent
channel
rejection
and
blocking
performance.
FSK
demodulation is implemented digitally and a synchronizer,
when enabled, recovers the received bit clock. A receive
signal strength indicator (RSSI) circuit indicates the
received signal level over a 50dB range. An integrated
Frequency Error Estimator (FEE) and crystal tuning
capability allow fine tuning of the RF frequency.
The transmitter of the MICRF507 consists of an FSK
modulator and power amplifier with output power
adjustable from +10dBm to -3.5dBm in seven steps.
Modulation can be achieved by applying two sets of PLL
divider ratios or through direct VCO modulation by varying
VCO tank capacitance.
The MICRF507 requires a 2.0V to 2.5V supply voltage,
operates over the -40˚C to +85˚C temperature range, and
is available in a 32-pin MLF
® package.
RadioWire
®
Features
• -113dBm sensitivity at 2.4kbps encoded bit rate
• +10dBm power amplifier with seven gain steps
• 12mA receive supply current
• 21.5mA transmit supply current at +10dBm
• 0.2μA power down current (registers retain settings)
• 280µA standby current (crystal oscillator enabled)
• Data rates up to 20kbps with PLL divider modulation
• Data rates up to 200kbps with VCO modulation
• Integrated transmit and receive (T/R) switch
• LNA with bypass mode
• Zero IF I/Q receiver architecture
• IF pre-amplifiers with DC-offset removal
• Three-pole Sallen-Key IF channel low-pass pre-filter
• Six-pole elliptic switched capacitor IF low-pass filter
• 50kHz to 350kHz programmable baseband bandwidth
• 59dB blocking at ±1MHz offset
• 53dB adjacent channel rejection at ±500kHz offset
• FSK digital demodulator with clock recovery
• 50dB Received Signal Strength Indicator (RSSI)
• Frequency Error Estimator (FEE)
• Reference crystal tuning capability
• 2.0 to 2.5V supply voltage range
• -40˚C to +85˚C operating temperature range
• Available in 32-pin MLF® package
(5.0mm x 5.0mm x 0.85mm)
Applications
• China Short Range Device (SRD) Communications
• Automated Meter Reading (AMR)
• Advanced Metering Infrastructure (AMI)
• Wireless Remote Meter Reading


Similar Part No. - MICRF507

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507 Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
MICRF507YMLTR MICREL-MICRF507YMLTR Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
More results

Similar Description - MICRF507

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850 Datasheet
186Kb / 7P
470MHz, Low Power, High Slew Operational Amplifier
September 1998
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
logo
STMicroelectronics
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
logo
Semtech Corporation
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Samtec, Inc
SX1212-12SKA433 SAMTEC-SX1212-12SKA433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Semtech Corporation
SM1212E433 SEMTECH-SM1212E433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
HOPE Microelectronics C...
RF64W HOPE-RF64W Datasheet
2Mb / 76P
Ultra-Low Power Integrated 300-510MHz Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com