Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
22
M9999-032210-B
N, M, and A are numbers of length 12, 12 and 6 bits,
respectively The synthesizer’s output frequency can be
calculated from the following equation:
()
()
A
N
16
f
A
N
16
f
M
f
f
RF
VCO
XCO
PD
+
×
×
=
×
+
×
=
=
2
2
M≠0
1
≤ A ≤ 16
2M
A
N
16
f
f
XCO
RF
+
×
=
where
fPD: Phase detector comparison frequency
fXCO: Crystal oscillator frequency
fVCO: Voltage controlled oscillator frequency
fRF: RF carrier frequency
The MICRF507 has two sets of register fields controlling
the synthesizer’s frequency multiplication ratio; A0/N0/M0
and
A1/N1/M1.
During
transmission
using
divider
modulation (see “Divider Modulation” section), bit values of
‘0’ and ‘1’ respectively select the 0 and 1 register field set.
During reception and during transmission using VCO
modulation, only the 0 set is used.
VCO
The VCO has no external components.
The three-bit field VCO_IB controls VCO bias current to
optimize phase noise. The two bit field VCO_freq controls
a capacitor bank which determines the VCO frequency
range. These five bits are set according to the RF
frequency as follows:
RF
Freq
VCO_IB2 VCO_IB1 VCO_IB0 VCO_freq1 VCO_freq0
470-
482MHz
1
0
1
0
1
482-
497MHz
1
0
0
1
0
497-
510MHz
0
1
1
1
1
Table 11. VCO Bit Setting
The tuning range, the RF frequency versus VCO tune
voltage (varactor input, pin 29), depends on the VCO
frequency setting as shown in as shown in Figure 13.
When the tuning voltage is in the range from 0.9V to 1.4V,
the VCO gain (as seen by the PLL) is at its maximum,
approximately 64 to 70MHz/V. Note that the RF frequency
is half of the PLL frequency. It is recommended that the
VCO tune voltage stays in this range.
The input capacitance at the varactor pin must be taken
into consideration when designing the PLL loop filter. This
is most critical when designing a loop filter with high
bandwidth, which gives relatively small component values.
The input capacitance is approximately 6pF.
RF Frequency vs Varactor Input Voltage
450
460
470
480
490
500
510
520
530
540
00.4
0.8
1.2
1.622.4
VARIN Voltage (V)
11
10
01
Figure 13. RF Frequency vs. Varactor Voltage
and VCO_ Freq bits (VDD = 2.5V)
Charge Pump
The charge pump current can be set to either 125µA or
500µA by CP_HI (‘1’ → 500µA). This will affect the loop
gain and, consequently, filter component values. For
applications using high phase detector frequency and high
PLL bandwidth, use 500µA charge pump current.
PLL Filter
The design of the PLL filter strongly affects the
performance of the frequency synthesizer. Key parameters
in PLL filter design are loop bandwidth, the modulation
method (VCO modulation or divider modulation) and the
bit rate. Filter design also affect the switching time
(important when frequency hopping) and phase noise.
Divider modulation requires the PLL to lock on a new
carrier frequency for every new data bit. As a rule of
thumb, the PLL loop bandwidth should be at least twice as
high as the bit rate. In such cases it is recommended to
use a third order filter to suppress the phase detector
frequency.
For VCO modulation, the PLL loop bandwidth should be
less than 1/10 of the bit rate. If the loop bandwidth is high
relative to the bit rate, the PLL will keep the VCO at a fixed
frequency, preventing it from being modulated.
The recommended third-order loop filter (made with
external components) is shown in Figure 14. When R2=0
and C3 is omitted, this reduces to a second-order loop
filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com