Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 34 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 34 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor MICRF507 Datasheet HTML 36Page - Micrel Semiconductor MICRF507 Datasheet HTML 37Page - Micrel Semiconductor MICRF507 Datasheet HTML 38Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
34
M9999-032210-B
Message Coding and Formatting
DC Balanced Line Coding
Line coding, diagrammed in Figure 24, is used when a
communication channel imposes constraints on bit
sequences. An encoding stage that ensures DC balance
(equal numbers of ‘1’ and ‘0’ bits and no long consecutive
runs of either) in the encoded bit stream allows the use of
VCO modulation without restrictions on the message bit
stream. Of the coding schemes which meet this need,
Manchester encoding and 3B4B are among the most
commonly used. Programming and performance of the
MICRF507 are based on the encoded bit rate.
In Manchester encoding, each message bit maps to a
word made of two encoded bits as shown in Table 22. The
encoded bit rate is twice the message bit rate so the
encoding overhead is 100%. When selecting PLL loop
filter it is important to note that frequency content of the
encoded bit stream extends down to one-fourth of the
encoded bit rate. That is the case of a 0101… message
bit sequence, which results in a 100110011001… encoded
bit sequence.
Data
Word
“0”
“10”
“1”
“01”
Table 22. Manchester Encoding
Another encoding method, which is much more efficient
than Manchester coding, is 3B4B, where three message
data bits are encoded into a four-line-bit word. The
encoded bit rate is three-quarter times the message bit
rate. For perfect DC balance, a four bit word would have to
have two ‘1’ line bits and two ‘0’ line bits. Only six such
words are possible. Special steps are therefore needed to
deal with the remaining two encodings: whenever 000 and
111 data appear, toggle a flag that remembers whether the
last encoded word was taken from the “Word A” column
and select the respective word from the other column
shown in Table 23.
Data
Word A
Word B
000
1011
0100
001
1100
010
0011
011
1010
100
0101
101
1001
110
0110
111
1101
0010
Table 23. 3B4B Encoding
Data bits
Encoded words
Comments
000 000 000 000
000
1011 0100 1011
0100 1011
A Flag indicates
if “Word A” has
been used
111 111 010 110
000
1101 0010 0011
0110 1011
A Flag indicates
if “Word A” has
been used
Table 24. Example of 3B4B Encoding
Message Formatting: Preamble
Messages are typically preceded by a header consisting of
24 bits in an alternating pattern: 0101… Such a header
can permit the following actions by the receiver prior to the
arrival of information-carrying bits:
•
Reading of RSSI
•
Bit synchronizer lock-up
•
Using the FEE to null out frequency offset
Figure 24. Link Architecture with Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com