Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
31
M9999-032210-B
Frequency Deviation under VCO Modulation
Three factors determine the deviation at which the data
stream is modulated: modulator clock frequency, capacitor
charge/discharge current, and modulator attenuator
setting. After each is presented in turn, the complete
formula for deviation is given.
The modulator clock frequency is determined by the
crystal oscillator frequency and the settings of the
Refclk_K and Mod_clkS fields:
Mod_clkS)
-
(7
XCO
MOD_CLK
2
Refclk_K
f
f
×
=
Set the modulator clock frequency to either 8x or 16x the
frequency deviation rate.
Figure 20. Two Different Modulator Clock Settings
Having fMOD_CLK set at 8 times the bit rate corresponds to a
baseband data signal filtered in a Gaussian filter with a
bandwidth-period product (BT) of 1. When BT is increased,
the waveform will be less filtered. Figure 20 shows two
waveforms with BT=1 (the minimum, with fMOD_CLK at 8
times the bitrate) and BT=2 (with fMOD_CLK at 16 times the
bit rate). Changing BT changes the charge-and discharge
times and therefore the frequency deviation, as seen in
Figure 20.
The capacitor charge/discharge current, set with the Mod_I
field, affects deviation, as shown in Figure 21, where
Mod_Ia>Mod_Ib. Higher current will give a higher
frequency deviation and vice versa. The effect of
modulator clock and Mod_I is as follows:
MOD_CLK
DEV
f
Mod_I
f
∝
To avoid saturation in the modulator, it is important not to
exceed maximum Mod_I. Maximum Mod_I for a given
fMOD_CLK is given by:
1
-
)
10
28
INT(f
Mod_I
-6
MOD_CLK
MAX
×
⋅
=
where INT() returns the integer part of the argument.
Figure 21. Two Different Modulator Current Settings
A third factor determining deviation is the modulator
attenuator
, controlled by the Mod_A field. The attenuator is
used when the bit rate is small and/or the BT is small,
which gives a relatively slow modulator clock and therefore
long rise- and fall times, leading in turn to large frequency
deviations unless the signal is attenuated. Additionally, the
attenuator will improve the resolution in the modulator.
Figure 22. Two Different Modulator Attenuator Settings
The effect of the attenuator is given by:
Mod_A
1
1
f
DEV
+
∝



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com