Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor MICRF507 Datasheet HTML 36Page - Micrel Semiconductor MICRF507 Datasheet HTML 37Page - Micrel Semiconductor MICRF507 Datasheet HTML 38Page - Micrel Semiconductor MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
38
M9999-032210-B
Overview of Programming Bits
Address
Field
Data Field
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
0000001
Modulation1
Modulation0
OL_opamp_en
(“0”)
PA_LDc_en
(”0”)
RSSI_en
LD_en
PF_FC1
PF_FC0
0000010
CP_HI
SC_by
VCO_by
(“0”)
PA_by
OUTS3
OUTS2
OUTS1
OUTS0
0000011
IFBias_s
(“1”)
IFA_HG
(“1”)
VCO_BIAS_s
(“0”)
VCO_IB2
VCO_IB1
VCO_IB0
VCO_freq
1
VCO_freq0
0000100
Mod_F2
Mod_F1
Mod_F0
Mod_I4
Mod_I3
Mod_I2
Mod_I1
Mod_I0
0000101
-
-
Mod_FHG
(“0”)
Mod_shape
(“1”)
Mod_A3
Mod_A2
Mod_A1
Mod_A0
0000110
-
Mod_clkS2
Mod_clkS1
Mod_clkS0 BitSync_clkS2 BitSync_clkS1
BitSync_cl
kS0
BitRate_clkS2
0000111
BitRate_clkS1 BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
0001000
SC_HI
(“1”)
ScClk_X2
(“1”)
ScSW_en
(“0”)
ScClk4
ScClk3
ScClk2
ScClk1
ScClk0
0001001
PrescalMode_s
(“0”)
Prescal_s
(“0”)
XCOAR_en
(”1”)
XCOtune4
XCOtune3
XCOtune2
XCOtune1
XCOtune0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
-
-
-
-
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
-
-
-
-
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
-
-
-
-
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
-
-
-
-
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
0010100
Div2_HI
(“1”)
LO_IB1
(“0”)
LO_IB0
(“1”)
PA_IB4
(”1”)
PA_IB3
(”0”)
PA_IB2
(”1”)
PA_IB1
(”0”)
PA_IB0
(“1”)
0010101
-
-
-
-
FEEC_3
FEEC_2
FEEC_1
FEEC_0
0010110
FEE_7
FEE_6
FEE_5
FEE_4
FEE_3
FEE_2
FEE_1
FEE_0
Table 25. Overview of Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com