Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF507 Datasheet HTML 1Page - Micrel Semiconductor MICRF507 Datasheet HTML 2Page - Micrel Semiconductor MICRF507 Datasheet HTML 3Page - Micrel Semiconductor MICRF507 Datasheet HTML 4Page - Micrel Semiconductor MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
4
M9999-032210-B
RadioWire® FSK Transceiver Selection Guide
Device
Frequency Range
Maximum
Data Rate
Receive Current
Supply Voltage
Transmit Current
Package
MICRF505
850MHz to 950MHz
200kbps
13.5mA
2.0 to 2.5V
28mA
MLF-32
MICRF505L
850MHz to 950MHz
200kbps
13.5mA
2.25 to 5.5V
28mA
MLF-32
MICRF506
410MHz to 450MHz
200kbps
12mA
2.0 to 2.5V
21.5mA
MLF-32
MICRF507
470MHz to 510MHz
200kbps
12mA
2.0 to 2.5V
21.5mA
MLF-32
Ordering Information
Part Number
Junction Temperature Range
Package
MICRF507YML TR
-40° to +85°C
Pb-Free 32-Pin MLF
®
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com