Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 43 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 43 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 38Page - Micrel Semiconductor MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor MICRF507 Datasheet HTML 43Page - Micrel Semiconductor MICRF507 Datasheet HTML 44Page - Micrel Semiconductor MICRF507 Datasheet HTML 45Page - Micrel Semiconductor MICRF507 Datasheet HTML 46Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
43
M9999-032210-B
ADR #
BIT #
Name
Description
Comments
5
LO_IB0
“1” mandatory. Bias current setting of LObuffer, 1. bit
(01 = typical current)
4
PA_IB4
“0” mandatory. Bias current setting of PA, 2. bit (11 =
highest current)
3
PA_IB3
“0 mandatory. Bias current setting of PA, 1. bit (01 =
typical current)
2
PA_IB2
“0” mandatory. Bias current setting of PAbuffer, 3. bit
1
PA_IB1
“1”mandatory. Bias current setting of PAbuffer, 2. bit
0
PA_IB0
“1” mandatory. Bias current setting of PAbuffer, 1. bit
0010101
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
---------
Reserved/not in use
4
---------
Reserved/not in use
3
FEEC_3
FEE control bit
Reference Table 15
2
FEEC_2
FEE control bit
Reference Table 15
1
FEEC_1
FEE control bit
Reference Table 15
0
FEEC_0
FEE control bit
Reference Table 15
0010110
7
FEE_7
FEE value, bit 7, MSB
6
FEE_6
FEE value, bit 6
5
FEE_5
FEE value, bit 5
4
FEE_4
FEE value, bit 4
3
FEE_3
FEE value, bit 3
2
FEE_2
FEE value, bit 2
1
FEE_1
FEE value, bit 1
0
FEE_0
FEE value, bit 0, LSB
Table 26. Detailed Description of Programming Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com