Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
27
M9999-032210-B
XCOtune Procedure Example
A procedure such as the algorithm given below can be
called during production (storing the calibrated XCO_tune
value), at regular intervals, or implemented in the
communication protocol when the frequency has changed.
The MICRF507 measures the frequency offset between
the demodulated signal and the LO, and a micro-controller
programs the XCO_tune bits to tune the XCO so the LO
frequency is equal to received carrier frequency.
Procedure description: A transmitter is assumed to be
sending a 1010… pattern at the correct frequency and bit
rate.
The FEE is enabled (FEEC[1:0] = 11) and the
number P of bit periods used in the measurement is 8 or
16. Only the sign of FEE is used.
Objective: The best XCO_tune value (giving the lowest
IFEEI). The desired frequency of the receiver’s PLL is
midway between the “0” and “1” frequencies.
Local variables:
XCO_Present: (5-bit) holds current value in XCO_tune
field
XCO_Step: (4-bit) holds amount by which XCO_tune will
be incremented or decremented
XCO_Sign: (1 bit) has a value of either POS or NEG,
determining respectively whether XCOtune is to be
incremented
or
decremented
(reducing
XCOtune
increases LO frequency)
XCO_tune_bits is a buffer, which is written to the XCOtune
field when ProgramRFChip is called.
XCO TUNE PROCEDURE
Initialization:
XCO_Present = 16;
XCO_Step = 16;
XCO_Sign = NEG;
Registers properly set for reception;
LOOP:
XCO_Step = XCO_Step/2;
If (XCO_Sign == POS) then
// If POS then increase LO frequency:
{XCO_present = XCO_present - XCO_Step}
Else
// If NEG then decrease LO frequency:
{XCO_present = XCO_present + XCO_Step}
;
XCO_tune_bits = XCO_Present;
ProgramRFChip;
Wait for > P bit periods;
Read FEE;
If (FEE > 0?) then
{XCO_Sign = POS}
else
{XCO_Sign = NEG} // negative or 0
;
If (XCO_Step > 1) then
{Branch to LOOP}
Else
{If(XCO_Sign == POS) then
{XCO_Present = XCO_Present – 1;
Return (XCO_Present)}; \\ done
}
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com