Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 41 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 41 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 37Page - Micrel Semiconductor MICRF507 Datasheet HTML 38Page - Micrel Semiconductor MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor MICRF507 Datasheet HTML 43Page - Micrel Semiconductor MICRF507 Datasheet HTML 44Page - Micrel Semiconductor MICRF507 Datasheet HTML 45Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
41
M9999-032210-B
ADR #
BIT #
Name
Description
Comments
0
XCOtune0
Crystal oscillator trimming, MSB
0001010
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
A0_5
A0-counter 6.bit
4
A0_4
A0-counter 5.bit
3
A0_3
A0-counter 4.bit
2
A0_2
A0-counter 3.bit
1
A0_1
A0-counter 2.bit
0
A0_0
A0-counter 1.bit
0001011
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
---------
Reserved/not in use
4
---------
Reserved/not in use
3
N0_11
N0-counter 12.bit
2
N0_10
N0-counter 11.bit
1
N0_9
N0-counter 10.bit
0
N0_8
N0-counter 9.bit
0001100
7
N0_7
N0-counter 8.bit
6
N0_6
N0-counter 7.bit
5
N0_5
N0-counter 6.bit
4
N0_4
N0-counter 5.bit
3
N0_3
N0-counter 4.bit
2
N0_2
N0-counter 3.bit
1
N0_1
N0-counter 2.bit
0
N0_0
N0-counter 1.bit
0001101
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
---------
Reserved/not in use
4
---------
Reserved/not in use
3
M0_11
M0-counter 12.bit
2
M0_10
M0-counter 11.bit
1
M0_9
M0-counter 10.bit
0
M0_8
M0-counter 9.bit
0001110
7
M0_7
M0-counter 8.bit
6
M0_6
M0-counter 7.bit
5
M0_5
M0-counter 6.bit
4
M0_4
M0-counter 5.bit
3
M0_3
M0-counter 4.bit
2
M0_2
M0-counter 3.bit
1
M0_1
M0-counter 2.bit
0
M0_0
M0-counter 1.bit
0001111
7
---------
Reserved/not in use
6
---------
Reserved/not in use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com