Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 30Page - Texas Instruments AFE5801 Datasheet HTML 31Page - Texas Instruments AFE5801 Datasheet HTML 32Page - Texas Instruments AFE5801 Datasheet HTML 33Page - Texas Instruments AFE5801 Datasheet HTML 34Page - Texas Instruments AFE5801 Datasheet HTML 35Page - Texas Instruments AFE5801 Datasheet HTML 36Page - Texas Instruments AFE5801 Datasheet HTML 37Page - Texas Instruments AFE5801 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
AFE5851
0.1
F
m
0.1
F
m
CLKP
CLKM
AFE5801
DifferentialSine-Wave
orPECL orLVDSClockInput
AFE5851
CLKP
CLKM
AFE5801
CMOSClockInput
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
For single ended sinusoidal clocks or for differential clocks (differential sinewave, LVPECL, LVDS…), the clock
amplifier should be enabled. For that, the connection scheme of Figure 40 should be used. The common-mode
voltage of the clock source should match one of the clock inputs of the AFE5801 (VCM) which is set internally
using 5k
Ω resistors, as shown in Figure 39. The easiest way to ensure this is to AC couple the inputs as shown
in Figure 40. The same scheme applies to the case where the clock is single ended but its amplitude is small or
its edges are not sharp (for instance, with a sinusoidal single-ended clock). In this case, the input clock signal
can be connected with a capacitor to CLKINP (as in Figure 40) and the CLKINM should be connected to ground
also through a capacitor, i.e., AC coupled to AVSS.
Figure 40. Differential Clock Driving Circuit
If a transformer is used with the secondary floating (for instance, to pass from single-ended to differential) , it can
then obviously be connected directly to the clock inputs, without the need of the 100nF series capacitors.
Figure 41. Single-Ended Clock Driving Circuit
Finally, on the differential clock configurations, Figure 42 shows the use of the CDCM7005 to generate the
AFE5801 clock signals.
34
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com