Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 2Page - Texas Instruments AFE5801 Datasheet HTML 3Page - Texas Instruments AFE5801 Datasheet HTML 4Page - Texas Instruments AFE5801 Datasheet HTML 5Page - Texas Instruments AFE5801 Datasheet HTML 6Page - Texas Instruments AFE5801 Datasheet HTML 7Page - Texas Instruments AFE5801 Datasheet HTML 8Page - Texas Instruments AFE5801 Datasheet HTML 9Page - Texas Instruments AFE5801 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25°C, MIN and MAX values are across the full temperature range of Tmin = –40°C to Tmax = 85°C,
AVDD3 = 3.3V, AVDD18 = 1.8V, DVDD18 = 1.8V, –1dBFS analog input ac-coupled with 0.1mF, internal reference mode,
maximum-rated sampling frequency (65MSPS), LVCMOS (single-ended) clock, 50% duty cycle, antialiasing filter set at
14MHz (3dB corner), output clamp disabled
(1) and analog high-pass filter enabled, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
FULL-CHANNEL CHARACTERISTICS
Gain matching
Across channels and parts
0.1
0.6
dB
–5dB to 28dB gain
–1.2
±0.3
1.2
Gain error
dB
Gain > 28dB
–1.8
±0.5
1.8
Offset error
31dB gain
–50
50
LSB
5MHz, 31dB VGA gain, low-noise mode
5
6.5 nV/
√Hz
Input-referred noise voltage
5MHz, 31dB VGA gain, default noise mode
5.5
nV/
√Hz
SNR
Signal-to-noise ratio
–1dBFS ADC input, 6dB gain
66
dBc
HD2
–1dBFS ADC input, 17dB gain, fin = 2MHz
–75
–60
Second-harmonic distortion
dBc
–1dBFS ADC input, 31dB gain, fin = 2MHz
–75
–60
–1dBFS ADC input, 17dB gain, fin = 2MHz
–65
–55
HD3
Third-harmonic distortion
dBc
–1dBFS ADC input, 31dB gain, fin = 2MHz
–60
–52
SFDR
Spurious-free dynamic range
–1dBFS ADC input, 17dB gain, fin = 2MHz
65
dBc
THD
Total harmonic distortion
–1dBFS ADC input, 17dB gain, fin = 2MHz
64
dBc
IMD
Intermodulation distortion
fin1 = 1MHz, fin2 = 2MHz, Ain1, in2 = –7dBFS, 30dB
–70
dBFS
VGA gain
Group delay variation
f = 100kHz to 14MHz, across gain settings and
±3.5
ns
channels
f = 100kHz to 14MHz, across channels
±1.5
Clock
Input overload recovery
≤ 6dB overload to within 1%
1
cycle
Clamp level
After amplification. Clamp enabled by default
3
dB
ADC number of bits
12
Aggressor: fin = 3MHz, 1dB below ADC full-scale
Crosstalk
Victims (channel next to aggressor channel): 50
Ω
92
dB
differential (between INiP and INiM)
POWER
Default noise mode
522
600
Total power dissipation
mW
Low-noise mode
561
636
IAVDD3
AVDD3 current consumption
6
9
mA
IAVDD18
AVDD18 current consumption
Default noise mode
198
222
mA
Low-noise mode
220
244
IDVDD18
DVDD18 current consumption
See (2)
81
100
mA
Standby mode
64
mW
Power down
Full power-down mode
8
25
mW
AC PSRR
Power-supply rejection ratio
30
dBc
(2)
Using digital modes like averaging, digital gain, digital HPF, etc., (see the Application Information section) might increase the DVDD18
current by about 60mA.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com