Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 31Page - Texas Instruments AFE5801 Datasheet HTML 32Page - Texas Instruments AFE5801 Datasheet HTML 33Page - Texas Instruments AFE5801 Datasheet HTML 34Page - Texas Instruments AFE5801 Datasheet HTML 35Page - Texas Instruments AFE5801 Datasheet HTML 36Page - Texas Instruments AFE5801 Datasheet HTML 37Page - Texas Instruments AFE5801 Datasheet HTML 38Page - Texas Instruments AFE5801 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
ReferenceClock
V
CC
REF_IN
VCXO_INP
VCXO_INM
Y0
Y0B
VCXO
OUTP
OUTM
CTRL
CLKP
CLKM
AFE5801
V
CC
CDCM7005
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
Figure 42. PECL Clock Drive Using CDCM7005
DIGITAL OUTPUTS
The conversion results from all eight ADCs are serialized and output using one LVDS data pair per ADC, at 12
times the device input clock rate. Besides that, two more LVDS pairs are used to facilitate the interface to the
circuit reading the ADC output. For one side, a reference frame LVDS signal running at the input clock rate
indicates the beginning and end of the sample word. On top of that, the device outputs a reference clock running
at 6 times the input clock rate, with rise and fall times aligned with the individual bits. See the Output Interface
Timing section for a description of the timing diagram as well as details on the timing margins.
Figure 43 represents the device LVDS output circuit. Observe that for an LVDS output high (OUTP = 1.375V,
OUTM = 1.025V) the high switches would be closed and the low switches would be open. For LVDS output low
(OUTP = 1.025V, OUTM = 1.375V) the low switches would be closed and the high left open. As the high and low
switches have a nominal RON of 50Ω ±10%, notice that the output impedance will be nominally 100Ω in any of
those two configurations (high or low switches closed).
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com