Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 29Page - Texas Instruments AFE5801 Datasheet HTML 30Page - Texas Instruments AFE5801 Datasheet HTML 31Page - Texas Instruments AFE5801 Datasheet HTML 32Page - Texas Instruments AFE5801 Datasheet HTML 33Page - Texas Instruments AFE5801 Datasheet HTML 34Page - Texas Instruments AFE5801 Datasheet HTML 35Page - Texas Instruments AFE5801 Datasheet HTML 36Page - Texas Instruments AFE5801 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
VCM
CLKP
CLKM
5 kW
5 kW
VCM
AVDD18
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
ANTI-ALIAS FILTER (AAF)
The AFE5801 integrates a selectable third-order low-pass filter for each of the eight channels. The cutoff
frequency can be set for all the channels simultaneously through the serial interface (see FILTER_BW register, in
the General Purpose Register table) between 3 possible settings: 7.5, 10 and 14MHz. Figure 18 shows the
frequency response for each of these settings. The filter characteristics are set by passive components which are
subject to variations over process and temperature. A typical variation of ±5% on the frequency characteristics is
expected.
CLAMPING CIRCUIT AND OVERLOAD RECOVERY
The AFE5801 is designed in particular for ultrasound applications where the front-end device is required to
recover very quickly from an overload condition. Such overload can either be the result of a transmit pulse
feed-through or a strong echo, which can cause overload of the VGA and ADC.
Enabled by default, the AFE5801 includes a clamping circuit to further optimize the overload recovery behavior of
the complete channel (see Figure 34). The circuit can be disabled by writing a 1 in the bit 14 of the address 70
(decimal) of the General Purpose Register Map. The clamp is set to limit the signal at 3dB above the full scale of
the ADC (2Vpp).
CLOCK INPUTS
The eight channels on the device operate from a single clock input. To ensure that the aperture delay and jitter
are the same for all channels, the AFE5801 uses a clock tree network to generate individual sampling clocks to
each channel. The clock lines for all channels are matched from the source point to the sampling circuit of each
of the eight internal ADCs. The variation on this delay is described in the Aperture Delay parameter of the Output
Interface Timing. Its variation over time is described in the Aperture Jitter number of the same table.
The AFE5801 clock input can be driven differentially (sine wave, LVPECL or LVDS) or single-ended (LVCMOS).
The clock input of the device has an internal buffer/clock amplifier (see Figure 39) which is enabled or disabled
automatically depending on the type of clock provided (autodetect feature). When enabled, the device will
consume 6mW more power from the AVDD18 supply rail, but it will also accept differential or single ended inputs
of smaller swing.
Figure 39. Internal Clock Buffer for Differential Clock Mode
If the preferred clocking scheme for the device is single-ended, CLKINM pin should be connected to ground, i.e.,
shorted directly to AVSS (see Figure 41). In this case, the autodetect feature will shut down the internal clock
buffer and the device will go into single-ended clock input automatically. The user should connect the
single-ended clock source directly (no decoupling) to CLKINP pin, which would be the only device clock input. In
that case, it is recommended the use of low jitter square signals (LVCMOS levels, 1.8V amplitude) to drive the
ADC (see SLYT075 for further details on the theory).
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com