Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 23Page - Texas Instruments AFE5801 Datasheet HTML 24Page - Texas Instruments AFE5801 Datasheet HTML 25Page - Texas Instruments AFE5801 Datasheet HTML 26Page - Texas Instruments AFE5801 Datasheet HTML 27Page - Texas Instruments AFE5801 Datasheet HTML 28Page - Texas Instruments AFE5801 Datasheet HTML 29Page - Texas Instruments AFE5801 Datasheet HTML 30Page - Texas Instruments AFE5801 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
START_GAIN
Address: 0x97[5:0]
This 6 bit register specifies the start gain value from –5dB to 31dB.
START_GAIN = [–5 + REG_VALUE ] dB
REG_VALUE
GAIN
0x0
–5 dB
0x1
–4 dB
0x24
31 dB
STOP_GAIN (Not a programmable register; it is an internally computed value.)
Case 1:
INTERP_ENABLE = 1,
STOP_GAIN = START_GAIN + (STOP_INDEX – START_INDEX) – ( 2 × Number of
decrements) + 0.875dB.
Case 2:
INTERP_ENABLE = 0,
STOP_GAIN = START_GAIN + (STOP_INDEX – START_INDEX) – ( 2 × Number of
decrements).
HOLD_GAIN_TIME
Address: 0x98[7:0]
This 8 bit register specifies the time for holding of the STOP_GAIN, after reaching either the STOP_GAIN
value as computed in the STOP_GAIN section or the maximum/minimum gain. After this time, the TGC starts
stepping down to the START_GAIN value in 1dB steps every Tclk. The STOP_GAIN value is held for the
following number of clocks:
HOLD_GAIN_TIME = [33 × REG_VALUE] Tclks
where Tclk is the channel sampling clock.
REG_VALUE
HOLD_GAIN_TIME
0x0
0 Tclks
0x1
33 Tclks
0xFF
8415 Tclks
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com