Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 7Page - Texas Instruments AFE5801 Datasheet HTML 8Page - Texas Instruments AFE5801 Datasheet HTML 9Page - Texas Instruments AFE5801 Datasheet HTML 10Page - Texas Instruments AFE5801 Datasheet HTML 11Page - Texas Instruments AFE5801 Datasheet HTML 12Page - Texas Instruments AFE5801 Datasheet HTML 13Page - Texas Instruments AFE5801 Datasheet HTML 14Page - Texas Instruments AFE5801 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
G − Gain − dB
8
18
28
38
48
58
68
78
88
98
−6
−4
−2
0
2
4
6
8
10
12
14
16
18
G023
Low-Power Mode Enabled
Low-Power Mode Disabled
G − Gain − dB
4
5
6
7
8
9
10
11
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
G024
Low-Power Mode Disabled
Low-Power Mode Enabled
G − Gain − dB
−90
−85
−80
−75
−70
−65
−60
−10
0
10
20
30
40
Ain = −1dBFS
G003
fIN = 1MHz
fIN = 5MHz
fIN = 10MHz
G − Gain − dB
−90
−88
−86
−84
−82
−80
−78
−76
−74
−72
−70
−10
0
10
20
30
40
Ain = −6dBFS
G004
fIN = 5MHz
fIN = 1MHz
fIN = 10MHz
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
TYPICAL CHARACTERISTICS (continued)
All graphs are at 25°C, AVDD3 = 3.3V, AVDD18 = DVDD18 = 1.8V, –1dBFS analog input AC coupled with 0.1mF, internal
reference mode, maximum rated channel sampling frequency (65MSPS), LVCMOS (single-ended) clock, 50% duty cycle,
fIN = 2MHz, anti-aliasing filter set at 14MHz (3dB corner), output clamp disable and analog high-pass filter enabled. spacer
Figure 8. Input-Referred Noise for Low Gains
Figure 9. Input-Referred Noise for High Gains
Figure 10. HD2 Across Coarse Gain and Three fIN
Figure 11. HD2 Across Coarse Gain and Three fIN
(–1dBFS)(1)
(–6dBFS)(2)
(1)
For gains
≥5dB, the input amplitude is adjusted to give –1dBFS. At 5dB gain, input amplitude is 4dBm (corresponding to –1dBFS).
For gains less than 5dB, the input is kept constant at 4dBm.
(2)
For gains
≥0dB, the input amplitude is adjusted to give –6dBFS. At 0dB gain, input amplitude is 4dBm (corresponding to –6dBFS).
For gains less than 0dB, the input is kept constant at 4dBm.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com