Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 21Page - Texas Instruments AFE5801 Datasheet HTML 22Page - Texas Instruments AFE5801 Datasheet HTML 23Page - Texas Instruments AFE5801 Datasheet HTML 24Page - Texas Instruments AFE5801 Datasheet HTML 25Page - Texas Instruments AFE5801 Datasheet HTML 26Page - Texas Instruments AFE5801 Datasheet HTML 27Page - Texas Instruments AFE5801 Datasheet HTML 28Page - Texas Instruments AFE5801 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
A7
A6
A5
A4
A3
A2
A1
A0
SEN
SCLK
SDATA
SDOUT
SDOUT tobeLatchedExternallyOntheRisingEdge
StartSequence
EndSequence
t
7
t
6
t
2
t
4
t
1
t
5
t
3
T0385-01
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
OFFSET_CHi<9:2> = 0100 0000 means substract –128. For OFFSET_CHi<9:2> = 0111 1111 the effect is to
substract 127. In effect, both addition and subtraction can be performed. Note that the the offset is applied
before the digital gain (see DIGITAL_GAIN_ENABLE). The whole data path is 2s-complement throughout
internally. Only when DFS = 1 (straight binary output format) is the 2s-complement word translated into offset
binary at the end.
REGISTER_READOUT_ENABLE
Address: 0[1]
The device includes an option where the contents of the internal registers can be read back. This may be
useful as a diagnostic to verify the serial interface communication between the external controller and the
AFE. First, the <REGISTER READOUT ENABLE> bit must be set to 1. Then user should initiate a serial
interface cycle specifying the address of the register (A7–A0) whose content is to be read. The data bits are
don't care. The device outputs the contents (D15–D0) of the selected register on the SDOUT pin. The
external controller can latch the contents at the rising edge of SCLK. To enable serial register writes, set the
<REGISTER READOUT ENABLE> bit back to 0. The following timing diagram shows this operation (the time
specifications follow the same information provided on the table for a serial interface register write):
Figure 37. Serial Interface Register Read
Register readback is incorrect for address 0x97. See the INTERP_ENABLE section for details.
SERIALIZED_DATA_RATE
Address: 3[14:13]
These two bits control the length of the data word, i.e., the number of DCLKs per FCLK period. It is possible,
for instance, to output a 16bit data stream even with a 12bit ADC. In this case, the 4 LSBs are padded with
0s. The pass from higher resolution to lower serialization is not supported, however. I.e, it is not possible to
select a 10bit stream with a 12bit ADC.
TGC_REGISTER_WREN
Address: 0[2]
Set this bit to 1 to access the TGC table and 0 (default after reset) to access the general-purpose register
table. The same address may point, this way, to one bank of registers (general purpose) or to the other
(TGC control). Nevertheless, observe that register 0 of the general-purpose registers is always accessible,
regardless of the value of TGC_REGISTER_WREN. The TGC table starts at address 1.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com