Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 13Page - Texas Instruments AFE5801 Datasheet HTML 14Page - Texas Instruments AFE5801 Datasheet HTML 15Page - Texas Instruments AFE5801 Datasheet HTML 16Page - Texas Instruments AFE5801 Datasheet HTML 17Page - Texas Instruments AFE5801 Datasheet HTML 18Page - Texas Instruments AFE5801 Datasheet HTML 19Page - Texas Instruments AFE5801 Datasheet HTML 20Page - Texas Instruments AFE5801 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
APPLICATION INFORMATION
THEORY OF OPERATION
The AFE5801 is a very low-power CMOS monolithic analog front end which includes an eight-channel
variable-gain amplifier (VGA) followed by an eight-channel, 12bit, high-speed pipeline analog-to-digital convereter
(ADC) based on switched-capacitor architecture.
Each of the eight VGA differential inputs is buffered and accepts a maximum swing of 2Vpp centered at a dc
level (VCM) of about 1.6V.
Each VGA has a gain range from –5dB to 31dB, and the gain is digitally controlled, with a resolution of 0.125dB.
Using the serial interface, the gain curves (common to all VGAs) versus time can be stored in the memory
integrated within the device.
A hardware sync input pin is available (SYNC). When a pulse is applied to this pin, all the VGAs in the device
start stepping through the selected time-gain curve at the same clock cycle. This sync can also be initiated by
software using the serial interface.
A selectable anti-alias low-pass filter (AAF) with 3dB attenuation at 7.5MHz, 10MHz, or 14MHz is also integrated,
together with clamping (which can be disabled).
The VGA/AAF can output 2Vpp differential swing without degradation in the specified linearity and can drive an
onboard 12bit ADC. After the input signals are captured by the sample-and-hold circuit, at the rising edge of the
clock, the samples are sequentially converted by a series of low-resolution stages. The outputs of the stages are
combined in a digital correction logic block to form the final 12bit word with a latency of 11 clock cycles, without
taking into account the delays introduced by the optional digital signal-processing functions. These functions are,
in this order, offset correction, channel averaging, digital gain, and high-pass filtering (see General-Purpose
Register Map for more details). The 12bit words of each channel are serialized and output as LVDS levels. For
slower operation speeds, the AFE5801 offers the possibility of multiplexing up to two input channels into one
LVDS output stream, reducing even further the power consumption and routing area. In addition to the data
streams, a bit clock and frame clock are also output. The frame clock is aligned with the 12bit word boundary.
Notice that for the correct operation of the device (see the Serial Interface section), a positive pulse must be
applied to the RESET pin. This sets the internal control registers to zero. There is, nevertheless, no need for any
type of power-up sequencing.
INPUT CONFIGURATION
The analog input for the AFE5801, Figure 34, consists of a differential analog buffer which has inputs biased to
1.6V (usually refered as common-mode voltage, VCM). The biasing is done with two internal resistors of 5kΩ. For
proper operation, the input signal should be either ac-coupled or have a commn-mode value equal to VCM. In the
case of ac coupling, the external input capacitors form a high-pass filter with the internal bias resistors (5k
Ω), so,
the value of the capacitors should allow the lowest frequency of interest to pass with minimum attenuation. For
the typical frequencies used in ultrasound (>1MHz) a value of 10nF or bigger is recommended. If dc coupling is
preferred, the user can tap the VCM output pins to set the common-mode level of the input signal. The VCM output
should be connected to high-input-impedance circuits, as its driving capability is limited. Regardless of the
choosen input configuration, a capacitor of 100nF should be connected on each VCM input to AVSS.
For proper operation, the input signal should be in the recommended input range. The maximum input swing is
limited to 2Vpp before saturation/distortion fo the input stage occurs. As the input common mode (VCM) is about
1.6V, each input of the buffer should stay between 1.1V and 2.1V.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com