Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 15Page - Texas Instruments AFE5801 Datasheet HTML 16Page - Texas Instruments AFE5801 Datasheet HTML 17Page - Texas Instruments AFE5801 Datasheet HTML 18Page - Texas Instruments AFE5801 Datasheet HTML 19Page - Texas Instruments AFE5801 Datasheet HTML 20Page - Texas Instruments AFE5801 Datasheet HTML 21Page - Texas Instruments AFE5801 Datasheet HTML 22Page - Texas Instruments AFE5801 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
T0108-04
t
1
t
3
t
2
PowerSupply
AVDD,LVDD
RESET
SEN
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
Reset Timing
Typical values at 25°C, min and max values across the full temperature range TMIN = –40°C to TMAX = 85°C,
AVDD3 = 3.3V, AVDD18 = DVDD18 = 1.8V, unless otherwise noted.
PARAMATER
CONDITIONS
MIN
TYP
MAX
UNIT
Delay from power-up of AVDD and LVDD to RESET pulse
t1
Power-on delay time
5
ms
active
t2
Reset pulse width
Pulse width of active RESET signal
10
ns
t3
Register write delay time Delay from RESET disable to SEN active
25
ns
tPO
Power-up delay time
Delay from power-up of AVDD and LVDD to output stable
6.5
ms
Figure 35. Reset Timing
Programming of different modes can be done through the serial interface formed by pins SEN (serial interface
enable), SCLK (serial interface clock), SDATA (serial interface data) and RESET. SCLK and SDATA have a
100k
Ω pulldown resistor to ground, and SEN has a 100kΩ pullup resistor to DVDD18. Serial shift of bits into the
device is enabled when SEN is low. Serial data SDATA is latched at every rising edge of SCLK when SEN is
active (low). The serial data is loaded into the register at every 24th SCLK rising edge when SEN is low. In case
the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples of
24bit words within a single active SEN pulse (there is an internal counter that counts groups of 24 clocks after
the falling edge of SEN). The interface can work with SCLK frequency from 20MHz down to very low speeds (a
few Hertz) and even with a non-50% duty-cycle SCLK.
The data is divided in two main portions: a register address (8 bits) and the data itself, to load on the addressed
register (16 bits). When writing to a register with unused bits, these should be set to 0. Also, when writing, the
SDOUT signal outputs zeros. The following timing diagram illustrates this process.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com