Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 22Page - Texas Instruments AFE5801 Datasheet HTML 23Page - Texas Instruments AFE5801 Datasheet HTML 24Page - Texas Instruments AFE5801 Datasheet HTML 25Page - Texas Instruments AFE5801 Datasheet HTML 26Page - Texas Instruments AFE5801 Datasheet HTML 27Page - Texas Instruments AFE5801 Datasheet HTML 28Page - Texas Instruments AFE5801 Datasheet HTML 29Page - Texas Instruments AFE5801 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
VCA_LOW_NOISE_MODE
Address: 7[10]
Setting this bit to 1 reduces the equivalent input noise of the VCA to 5nv/
√Hz (for a 51dB gain) at the
expense of an increased power consumption (5mW increase per channel).
TGC CONTROL REGISTER MAP
The TGC operation is described in the VGA/TGC Operation section that follows. This section describes the TGC
control registers which can be accessed by writing 1 to TGC_REG_WREN bit. The following table describes the
register map for all the registers involved in the TGC operation.
ADDRESS
D[15:7]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
D[0]
0x01...0x94
REG_VALUES
0x95
START_INDEX
0x96
STOP_INDEX
INTERP_
0x97
0
START_GAIN
ENABLE
0x98
HOLD_ GAIN _TIME
NOT USED
UNIFORM_
SOFT_
STATIC_
0x99
0
0
GAIN_
FINE_GAIN
SYNC
PGA
MODE
0x9A
0
0
COARSE_GAIN
0x9B
UNIFORM_GAIN_SLOPE
REG_VALUE
Address: 0x01[8:0] to 0x94[8:0]
Each of these 9 bit registers (148 of them) stores the time to stay at a given gain setting, during the gain
ramp. The most significant bit of each register (REG_VALUE<8>) denotes either increment or decrement
gain from current gain value. The other 8 bits (REG_VALUE<7:0>) denote the time (a multiple of 8 × Tclk;
Tclk being the channel sampling clock, i.e., double the period of the device input clock) for the change of the
gain from the CURRENT_GAIN to CURRENT_GAIN ±1dB (depending on the REG_VALUE<8>). The fastest
ramp (shortest time) for this 1dB gain change is set by REG_VALUE<7:0> equal to 0x00 and it is 8 × Tclk.
The slowest ramp (longest time) for this 1dB gain change is set by REG_VALUE<7:0> equal to 0xFF, and it
is 255 × 8 × Tclk (see VGA operation – described later).
START_INDEX
Address: 0x95[7:0]
This 8 bit register specifies/points to the first REG_VALUE register of the TGC curve (i.e., where the curve
starts) and can have values ranging from 1 to 148 (in decimal).
STOP_INDEX
Address: 0x96[7:0]
This 8 bit register specifies/points to the last REG_VALUE register of the TGC curve (i.e., where the curve
finishes) and can have values ranging from 1 to 148 (in decimal).
26
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com