Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 33Page - Texas Instruments AFE5801 Datasheet HTML 34Page - Texas Instruments AFE5801 Datasheet HTML 35Page - Texas Instruments AFE5801 Datasheet HTML 36Page - Texas Instruments AFE5801 Datasheet HTML 37Page - Texas Instruments AFE5801 Datasheet HTML 38Page - Texas Instruments AFE5801 Datasheet HTML 39Page - Texas Instruments AFE5801 Datasheet HTML 40Page - Texas Instruments AFE5801 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
SNR + 10Log10
P
S
P
N
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
DEFINITION OF SPECIFICATIONS
Analog Bandwidth – The analog input frequency at which the power of the fundamental is reduced by 3 dB with
respect to the low frequency value.
Aperture Delay –The delay in time between the rising or the falling edge of the input sampling clock (depending
on the channel) and the actual time at which the sampling occurs. This delay will be different across channels.
The maximum variation is specified as aperture delay variation (channel-channel).
Aperture Uncertainty (Jitter) – The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle – The duty cycle of a clock signal is the ratio of the time the clock signal remains
at a logic high (clock pulse width) to the period of the clock signal. Duty cycle is typically expressed as a
percentage. A perfect differential sine-wave clock results in a 50% duty cycle.
Maximum Conversion Rate – The maximum sampling rate at which certified operation is given. All parametric
testing is performed at this sampling rate unless otherwise noted.
Minimum Conversion Rate – The minimum sampling rate at which the ADC functions.
Differential Nonlinearity (DNL) – An ideal ADC exhibits code transitions at analog input values spaced exactly
1 LSB apart. The DNL is the deviation of any single step from this ideal value, measured in units of LSBs.
Integral Nonlinearity (INL) – The INL is the deviation of the ADC's transfer function from a best fit line
determined by a least squares curve fit of that transfer function, measured in units of LSBs.
Gain Error – The difference between the actual gain of a channel & its ideal (theoretical) gain, i.e., the error in
the absolute gain of the channel.
Gain Matching – The gain difference between two channels with same theoretical gain setting. For perfect
matching, the difference should be zero. On the context of this device, the gain matching is obtained in two
different ways:
1. The values on the specification table represent the expected gain matching between any two channels on
the system. The gain is measured on every channel of every device, for a given gain setting, at any
temperature. The difference between the maximum recorded gain and the minimum recorded gain
represents the gain matching at that given gain setting. The same is done for every gain setting and the
maximum difference for any gain setting is presented on the table.
2. The gain matching histogram represents the channel to channel matching inside the same device, i.e., the
maximum expected gain difference between any two channels of the same device, or in other words, the
peak-to-peak variation of absolute gains across all channels in the device. At a given gain setting for all the
channels of a given device (at one temperature assumed common to the whole device), the difference
between the channel with maximum gain and the channel with minimum gain represents one count. The
same thing is done for all the devices and for 3 temperatures (–40C, 25C and 85C). Every measurement of a
device at one given temperature represents one count.
Offset Error – The offset error is the difference, given in mV, between the ADC's actual average idle-channel
output code and the ideal average idle-channel output code.
Temperature Drift – The temperature drift coefficient (with respect to gain error and offset error) specifies the
change per degree Celsius of the parameter from TMIN to TMAX. It is calculated by dividing the maximum deviation
of the parameter across the TMIN to TMAX range by the difference TMAX – TMIN.
Signal-to-Noise Ratio – SNR is the ratio of the power of the fundamental (PS) to the noise floor power (PN),
excluding the power at DC and the first nine harmonics.
(1)
SNR is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the full-scale
converter range.
Signal-to-Noise and Distortion (SINAD) – SINAD is the ratio of the power of the fundamental (PS) to the power
of all the other spectral components including noise (PN) and distortion (PD), but excluding dc.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com