Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 14Page - Texas Instruments AFE5801 Datasheet HTML 15Page - Texas Instruments AFE5801 Datasheet HTML 16Page - Texas Instruments AFE5801 Datasheet HTML 17Page - Texas Instruments AFE5801 Datasheet HTML 18Page - Texas Instruments AFE5801 Datasheet HTML 19Page - Texas Instruments AFE5801 Datasheet HTML 20Page - Texas Instruments AFE5801 Datasheet HTML 21Page - Texas Instruments AFE5801 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
INP
Vcm
Clamp
AC
Coupling
Internal
Voltage
Reference
CMBuffer
5kW
5kW
INM
Channel
Input
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
NOTE: Dashed area denotes one of eight channels.
Figure 34. Common-Mode Biasing of Input Pins
The maximum input swing is limited to 2Vpp before distortion/saturation of the input stage occurs. As the input dc
level (VCM) is about 1.6V, this means that each input of the VGA typically stays between 1.1V and 2.1V.
To drive the AFE5801 with a single-ended signal, the signal should be connected to one of the inputs (INiP, in
principle, to keep the polarity) and the other connected to AVSS through a 100nF capacitor. In fact, all the
AFE5801 inputs that must be connected to ground can be shorted together and connected to ground through a
single 100nF capacitor. The input is limited to 1Vpp (from 1.1V to 2.1V) and the performance is similar to that of
the AFE5851. Every channel on the AFE5851 is similar to a channel on the AFE5801 where the other input has
been shorted internally to VCM. See the AFE5851 16 Channel Variable Gain Amplifier (VGA) With Octal High
Speed ADC data sheet (SLOS574) for more information.
SERIAL INTERFACE
Register Initialization
After power up, the internal registers must be initialized to the default value (zero). Initialization can be done in
one of two ways:
•
Through a hardware reset, by applying a positive pulse in the RESET pin
•
Through a software reset, using the serial interface, by setting the SOFTWARE RESET bit to high. Setting
this bit initializes the internal registers to the respective default values (all zeros) and then self-resets the
SOFTWARE RESET bit to low. In this case, the RESET pin can stay low (inactive).
It is important to notice that after power up and before the device is reset to its default state, the power
consumption could be up to 2× the specified maximum, due to the unknown setting of the internal registers. In
order to prevent the initial increased power consumption, a potential solution is to connect the RESET pin to
either 1.8V or 3.3V supply with a 10k
Ω resistor, so that the device is reset while powering up. For the reset to
take effect, the power must be up on DVDD18. Notice that there is no damage to the part by applying voltage
to the RESET pin while the device power is off.
Notice also that the reset only affects the digital registers, putting the part in its default state. It does not act
as a power down and as such, everything internal just keeps running. As the internal registers change their
values, the effects on the data propagate through the pipe. At the same time, there may be some glitches on
the output due to the transition of the registers values if any of the output controlling modes, for instance,
change. As the reset is level-sensitive and asynchronous with the input clock, it should be inactive in order to
write into the internal registers. Although it takes only 10ns after the reset rising edge to change the registers,
the output data may take, in the worst case, up to 20 clock cycles to be considered stable. Notice that the
output clocks (data and frame) are independent of the RESET and tight to the input clock, avoiding any loss
of synchronization.
18
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com