Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 10Page - Texas Instruments AFE5801 Datasheet HTML 11Page - Texas Instruments AFE5801 Datasheet HTML 12Page - Texas Instruments AFE5801 Datasheet HTML 13Page - Texas Instruments AFE5801 Datasheet HTML 14Page - Texas Instruments AFE5801 Datasheet HTML 15Page - Texas Instruments AFE5801 Datasheet HTML 16Page - Texas Instruments AFE5801 Datasheet HTML 17Page - Texas Instruments AFE5801 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0
1000
2000
3000
4000
5000
6000
7000
8000
fIN = 2MHz
Sample
G014
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0
1000
2000
3000
4000
5000
6000
7000
8000
Sample
G015
fIN = 2MHz
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
2500
3500
4500
5500
6500
7500
8500
9500
Sample
G016
fIN = 2MHz
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All graphs are at 25°C, AVDD3 = 3.3V, AVDD18 = DVDD18 = 1.8V, –1dBFS analog input AC coupled with 0.1mF, internal
reference mode, maximum rated channel sampling frequency (65MSPS), LVCMOS (single-ended) clock, 50% duty cycle,
fIN = 2MHz, anti-aliasing filter set at 14MHz (3dB corner), output clamp disable and analog high-pass filter enabled. spacer
Figure 24. TGC Sweep With Interpolation Disabled and High-Pass Filter Enabled
Figure 25. TGC Sweep With Interpolation Disabled and High-Pass Filter Disabled
Figure 26. TGC Sweep With Interpolation Enabled and High-Pass Filter Disabled
14
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com