Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 18Page - Texas Instruments AFE5801 Datasheet HTML 19Page - Texas Instruments AFE5801 Datasheet HTML 20Page - Texas Instruments AFE5801 Datasheet HTML 21Page - Texas Instruments AFE5801 Datasheet HTML 22Page - Texas Instruments AFE5801 Datasheet HTML 23Page - Texas Instruments AFE5801 Datasheet HTML 24Page - Texas Instruments AFE5801 Datasheet HTML 25Page - Texas Instruments AFE5801 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
GENERAL-PURPOSE REGISTER DESCRIPTION
AVERAGING_ENABLE
Address: 2[11]
When set to 1, two samples, corresponding to two consecutive channels, are averaged (channel 1 with 2, 3
with 4, 5 with 6, and 7 with 8). If both channels receive the same input, the net effect is an improvement in
SNR. The averaging is performed as:
•
Channel 1 + channel 2 comes out on channel 3.
•
Channel 3 + channel 4 comes out on channel 4.
•
Channel 5 + channel 6 comes out on channel 5.
•
Channel 7 + channel 8 comes out on channel 6.
DFS
Address: 4[3]
DFS stands for data format select. The ADC output, by default, is in 2s-complement mode. Programming the
DFS bit to 1 inverts the MSB, and the output becomes straight-offset binary mode.
DIGITAL_GAIN_ENABLE
Address: 3[12]
Setting this bit to 1 applies to each channel i the corresponding gain given by DIG_GAINi<15:11>. The gain
is given as 0dB + 0.2dB × DIG_GAINi<15:11>. For instance, if DIG_GAIN5<15:11> = 3, channel 5 is
increased by 0.6dB gain. DIG_GAINi<15:11> = 31 produces the same effect as DIG_GAINi<15:11> = 30,
setting the gain of channel i to 6dB.
DIGITAL_HIGH_PASS_FILTER_ENABLE and DIGITAL_HIGH_PASS_FILTER_CORNER_FREQ
DIGITAL_HIGH_PASS_FILTER_ENABLE (channels 1–4): Address: 21[0]
DIGITAL_HIGH_PASS_FILTER_ENABLE (channels 5–8): Address: 33[0]
DIGITAL_HIGH_PASS_FILTER_CORNER_FREQ (channels 1–4): Address: 21[4:1]
DIGITAL_HIGH_PASS_FILTER_CORNER_FREQ (channels 5–8): Address: 33[4:1]
This group of four registers controls the characteristics of a digital high-pass transfer function applied to the
output data, following the formula: y(n) = 2k/(2k + 1) [x(n) – x(n – 1) + y(n – 1)]. The
DIGITAL_HIGH_PASS_FILTER_CORNER_FREQ registers (one for the first four channels and one for the
second group of four channels) describe the setting of k.
EXTERNAL_REFERENCE
Address: 1[13]
The internal reference mode (default) uses approximately 3mW more power on AVDD (which is already
included in all the specification tables). The AFE5801 can operate in external reference mode by
programming EXTERNAL_REFERENCE to 1. In this mode, the VREF_IN pin should be driven with 1.4V.
Due to the high input impedace of this pin, no special drive capabilities are required. For the same reason,
no decoupling on VREF_IN is needed, although depending on the noise on the 1.4V signal, some filtering
may be required. Nevertheless, when using the internal reference, there is no need to decouple VREF_IN.
The advantage of using the external reference mode is that multiple AFE5801 units can be made to operate
with the same external reference, thereby improving parameters such as gain matching across devices.
FILTER_BW
Address: 7[3:2]
This bit sets the 3dB attenuation frequency for the antialiasing filter (AAF).
GLOBAL_PDN
Address: 1[0]
The global PDN bit is ORed with the signal in the external PDN pin (59). Therefore, a 1 on this bit shuts the
device down completely.
22
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com