Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 26Page - Texas Instruments AFE5801 Datasheet HTML 27Page - Texas Instruments AFE5801 Datasheet HTML 28Page - Texas Instruments AFE5801 Datasheet HTML 29Page - Texas Instruments AFE5801 Datasheet HTML 30Page - Texas Instruments AFE5801 Datasheet HTML 31Page - Texas Instruments AFE5801 Datasheet HTML 32Page - Texas Instruments AFE5801 Datasheet HTML 33Page - Texas Instruments AFE5801 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
GAINProfile
SYNC
SignalInput
to AFE5801
Holdtimeat
stopgain,
th
Rampdownfrom
stopgaintostart
gain, trd
Waittime
atstartgain
,
tw
Rampuptimefrom
startgaintostopgain,
tru
Waittime
atstartgain
SyncPeriod
SyncPeriod = tru + th + trd + tw
External
System
Signal
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
Figure 38. SYNC Period
Non-Uniform Gain Increment Mode
In the non-uniform gain increment mode, the user sets an arbitrary shape for the gain versus time curve. For a
given time/sampling instant, the digital gain setting is obtained from an internal memory of 148 positions/registers
(named REG_VALUEs), each 9 bits wide, loaded by the user through the serial port (see Serial Interface
section). Addresses 1 to 148 can be used to access these registers, while TGC_REGISTER_WREN = 1.
As explained above, the most significant bit of each register (REG_VALUE<8>) denotes either increment or
decrement gain from current gain value. The other 8 bits (REG_VALUE<7:0>) denote the time (a multiple of 8 ×
Tclk, being Tclk the sampling clock) for the change of the gain from the CURRENT_GAIN to CURRENT_GAIN
±1dB (depending on the REG_VALUE<8>). The fastest ramp (shortest time) for this 1dB gain change is set by
REG_VALUE<7:0> equal to 0x00 and it is 8 × Tclk. The slowest ramp (longest time) for this 1dB gain change is
set by REG_VALUE<7:0> equal to 0xFF and it is 255 × 8 × Tclk.
INTERP_ENABLE sets the way the gain is increased/decreased. By default the gain ramp is implemented in
steps of 1dB (INTERP_ENABLE equal to 0). If INTERP_ENABLE is equal to 1, the actual 1dB gain step is
implemented in 8 steps of 0.125dB.
The 148 REG_VALUE registers can be used to store either a single curve or multiple TGC curves. The
START_INDEX register points to the REG_VALUE register where the TGC curve starts and the STOP_INDEX
register points to the REG_VALUE register where the TGC curve stops. Using the START_INDEX and
STOP_INDEX registers the desired TGC curves can be chosen.
30
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com