Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 20Page - Texas Instruments AFE5801 Datasheet HTML 21Page - Texas Instruments AFE5801 Datasheet HTML 22Page - Texas Instruments AFE5801 Datasheet HTML 23Page - Texas Instruments AFE5801 Datasheet HTML 24Page - Texas Instruments AFE5801 Datasheet HTML 25Page - Texas Instruments AFE5801 Datasheet HTML 26Page - Texas Instruments AFE5801 Datasheet HTML 27Page - Texas Instruments AFE5801 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
AFE5801
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
PATTERN_MODES and CUSTOM_PATTERN
PATTERN_MODES: Address: 2[15:13]
CUSTOM_PATTERN: Address: 5[13:0]
The AFE5801 can output a variety of test patterns on the LVDS outputs. These test patterns replace the
normal ADC data output and help on debugging and synchronization, with the device reading the output of
the ADC.
•
PATTERN_MODE equal to 000 is the default and disables this test mode, i.e., the output data is the
same as the ADC data.
•
PATTERN_MODE equal to 001 (SYNC mode) replaces the normal ADC word by a fixed 1111 1100 0000
word.
•
PATTERN_MODE equal to 010 sets the DESKEW mode, where the 12-bit ADC output D<11:0> is
replaced with the 0101 0101 0101 word, which creates a continuous stream of 1s and 0s in the data line.
•
PATTERN_MODE equal to 011 outputs a constant code set by the bits in CUSTOM_PATTERN<13:0>.
Depending on the value of SERIALIZED_DATA_RATE (see following) the output bits conform to the
following rules:
–
In the default case, where SERIALIZED_DATA_RATE is 00, for 12-bit ADC data at the output, the
CUSTOM_PATTERN<13:2> bits are used, replacing the sampled data. These bits are still controlled
by the LSB-first and MSB-first modes in the same way as normal ADC data are.
–
For
SERIALIZED_DATA_RATE
=
01,
10-bit
output
mode
is
selected,
and
the
CUSTOM_PATTERN<13:4> bits are used.
–
For
SERIALIZED_DATA_RATE
=
10,
16-bit
output
mode
is
selected.
In
this
case,
the
CUSTOM_PATTERN<13:0> bits are used for the first 14 most-significant bits, and two 0s take the
place of the LSBs.
–
For SERIALIZED_DATA_RATE = 11, 14-bit mode is selected, and the CUSTOM_PATTERN<13:0>
bits take the place of the output word.
•
PATTERN_MODE equal to 100 makes the output always 1, whereas setting it to 110 makes the output
always 0.
•
PATTERN_MODE equal to 101 makes the output of the device toggle between two consecutive codes.
On the nth sample clock, the data is 0000 0000 0000, and on the following one (nth + 1), it is
1111 1111 1111.
•
PATTERN_MODE equal to 111 causes all the channels to output a repeating full-scale ramp pattern. The
ramp increments from zero code to full-scale code in steps of 1 LSB every clock cycle. After hitting the
full-scale code, it returns back to the zero code and ramps again.
PDN_CHANNEL<7:0>
Address: 1[9:2]
Each bit controls the power down of a channel (buffer, VCA, and ADC). For example, PDN_CHANNEL<0>
powers down channel 1 and the corresponding LVDS pair becomes high-impedance. DCLK and FCLK are
not powered down. They become active if terminated with 100
Ω.
PDN_LVDS
Address: 2[10:3]
PDN_LVDS<7:0> selects which LVDS pairs become inactive (zero output current, i.e., high-impedance
state). The frame and clock LVDS streams are powered down only when OUTPUT_DISABLE and/or
GLOBAL_PDN is set.
REGISTER_OFFSET_SUBTRACTION_ENABLE
Address: 3[8]
Setting this bit to 1 enables the substraction of the value on the corresponding OFFSET_CHi<9:2> (offset for
channel i) from the ADC output. The number is specified in 2s-complement format. For example,
24
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com