Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 402 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 402 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 398Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 399Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 400Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 401Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 402Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 403Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 404Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 405Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 406Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
324
Freescale Semiconductor
16.1.2
General Operation
The AIPS is the interface between the AHB-Lite 2.v6 interface and on-chip IPS v3.0 peripherals as shown
in Figure 16-1.
Figure 16-1. AIPS Interface Block Diagram
IPS peripherals are modules that contain readable/writable control and status registers. The AHB master
reads and writes these registers through the AIPS. The AIPS generates module enables, the module
address, transfer attributes, byte enables and write data as inputs to the IPS peripherals. The AIPS captures
read data from the IPS interface and drives it on the AHB.
The AIPS occupies a 64MByte portion of the address space. A 0.5MByte portion of this space is allocated
to on-platform peripherals. The remaining 63.5MBytes are available for off-platform devices. The register
maps of the IPS peripherals are located on 16Kbyte boundaries. Each IPS peripheral is allocated one
16Kbyte block of the memory map, and is activated by one of the module enables from the AIPS. Up to
thirty-two 16Kbyte external IPS peripherals may be implemented, occupying contiguous blocks of
16Kbytes. Two global external IPS module enables are available for the remaining 63Mbytes of address
space to allow for customization and expansion of addressed peripheral devices. In addition, a single
“non-global” module enable is also asserted whenever any of the thirty-two non-global module enables is
asserted.
The AIPS memory map is shown in Figure 16-2.
The connection of a particular module enable to a peripheral, and hence the exact address assignment for
an IPS peripheral is system dependent, and is defined in the system specification. Each IPS peripheral
selects its internal registers based on the address driven.
Direct Memory
Access
ARM7TDMI-S
CPU
Cross-Bar
Switch
Peripheral
Bus Bridge
External
Interface Module
Random Access
Memory Controller
Master Modules
Slave Modules
SPP
Peripheral 31
SPP
Peripheral 0
IPS
Peripheral 31
IPS
Peripheral 0
IPS
Global 0
IPS
Global 1
SPP
Peripherals
IPS
Peripherals
32
32
32
32
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com