Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 401 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 401 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 397Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 398Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 399Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 400Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 401Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 402Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 403Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 404Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 405Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
323
Chapter 16
AHB to IPI Bridge (AIPS)
16.1
Introduction
The AIPS provides the interface between the 32-bit system bus (AHB-Lite 2.v6) and the 32-bit peripheral
bus. The AIPS can support up to 32 peripherals, and implements various levels of protection for each
peripheral, including a trusted master scheme for both the ARM7 core (MASTER0) and the eDMA
(MASTER1).
Not all peripherals are present on all devices. It is the responsibility of the application to ensure that no
accesses to reserved address ranges are performed.
16.1.1
Features
The following list summarizes the key features of the AIPS:
•
Support for AHB v2.0 AHB-Lite bus protocol
•
32-bit address bus width
•
32-bit data bus width
•
2 clocks for READs, 3 clocks for WRITEs
•
32 on-platform peripheral module enables
•
32 off-platform peripheral module enables (+ one bit-wise OR signal)
•
2 global off-platform address space module enables
•
Supervisor/User/Test access support
•
Software enabled write buffering (posted write)
•
Memory Map: 64MByte (ADDR[25:0]), byte addressable
— 512KByte: Platform Peripherals #0-#31 (32 modules x 16KBytes each)
– $0000_0000 - $0007_FFFF
— 512KByte: MAC72xx Peripherals (32 peripherals x 16KBytes each)
– $0008_0000 - $00F_FFFF
— 63MBytes: Global External Address Space
– $0010_0000 - $03FF_FFFF
•
The AIPS is not relocatable under any circumstances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com