Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 404 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 400Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 401Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 402Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 403Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 404Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 405Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 406Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 407Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 408Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 976 page
background image
AIPS Protocol
MAC7200 Microcontroller Family Reference Manual, Rev. 2
326
Freescale Semiconductor
Essentially, this is a “big endian like” bus, in the sense that high-order bits are stored at the lowest address.
32-bit register
Implement one 32-bit register REG1 with base address $00.
Figure xx: Register #1 Description (REG1)
Performing a READ operation will return the following data:
Table 16-1. AIPS 32-bit byte lanes
ips_addr[1:0]
data[31:24]
data[23:16]
data[15:8]
data[7:0]
00
X
01
X
10
X
11
X
00
X
X
01
ERR
ERR
ERR
ERR
10
X
X
11
ERR
ERR
ERR
ERR
00
XXXX
01
ERR
ERR
ERR
ERR
10
ERR
ERR
ERR
ERR
11
ERR
ERR
ERR
ERR
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
REG1[31:16]
W
RESET:
15
14
13
12
11
10
9876543210
RREG1[15:0]
W
RESET:
= Unimplemented or Reserved
Register address: Base + $00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com