Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 408 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 408 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 404Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 405Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 406Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 407Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 408Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 409Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 410Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 411Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 412Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
330
Freescale Semiconductor
16.4.1
Overview
There are eleven registers that control the AIPS. All registers are 32-bit registers and can only be accessed
in supervisor mode by trusted bus masters. Additionally, these registers must only be read from or written
to by a 32-bit aligned access. AIPS registers are mapped into the PACR0 address space.
Two system clocks are required for read accesses and three system clocks are required for write accesses
to the AIPS registers.
16.4.2
Control Registers
The memory map for the AIPS program-visible registers is shown in Table 16-2. The MPROT fields of
the MPR and the PACR and OPACR registers are 4 bits in width.
For the MAC7200, the processor complex is master zero and the enhanced direct memory access module
is master one. The mapping between access control registers and peripheral modules is shown in the
following table. Note that not all peripherals can be accessed in all MAC7200 operational modes.
Table 16-2. AIPS Register Memory Map
AIPS Offset
[31:28]
[27:24]
[23:20]
[19:16]
[15:12]
[11:8]
[7:4]
[3:0]
0x0000
MPROT0
MPROT1
RFU
RFU
RFU
RFU
RFU
RFU
0x0004
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
0x0020
PACR0
PACR1
PACR2
RFU
RFU
RFU
RFU
RFU
0x0024
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
0x0028
PACR16
PACR17
PACR18
RFU
RFU
RFU
RFU
RFU
0x002c
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
0x0040
OPACR0
OPACR1
OPACR2
OPACR3
RFU
OPACR5
OPACR6
RFU
0x0044
RFU
RFU
RFU
OPACR11
RFU
OPACR13
OPACR14
OPACR15
0x0048
RFU
OPACR17
OPACR18
RFU
RFU
RFU
RFU
OPACR23
0x004c
OPACR24
RFU
OPACR26
RFU
OPACR28
RFU
RFU
RFU
0x0050
Reserved
Table 16-3. MAC7200 Peripheral to Access Control Register Map
Address Range
Module
Access Control Register
0xFC00_0000 – 0xFC00_3FFF
AIPS – AMBA to IP Bus Bridge
PACR0
0xFC00_4000 – 0xFC00_7FFF
AXBS – AMBA Crossbar Switch
PACR1
0xFC00_8000 – 0xFC00_BFFF
FlexBus – External Interface Module
PACR2
0xFC00_C000 – 0xFC03_FFFF
RFU
0xFC04_0000 – 0xFC04_3FFF
MCM – Miscellaneous Control Module
PACR16
0xFC04_4000 – 0xFC04_7FFF
eDMA – Enhanced Direct Memory Access Controller
PACR17
0xFC04_8000 – 0xFC04_BFFF
INTC – Interrupt Controller
PACR18
0xFC04_C000 – 0xFC07_FFFF
RFU
0xFC08_0000 – 0xFC08_3FFF
SSM – System Service Module
OPACR0
0xFC08_4000 – 0xFC08_7FFF
DMA Mux – Direct Memory Access Controller Mux
OPACR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com