Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 411 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 411 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 407Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 408Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 409Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 410Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 411Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 412Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 413Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 414Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 415Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
333
Presence or absence of a particular PACR is based on whether the associated peripheral is present in the
platform, as denoted by the synthesis configuration parameters defined in Section 16.5.1, “AIPS
Scalability.” When absent, the corresponding PACR is not implemented and will read as 0’s. Writes will
be ignored.
16.4.3.3
Off-Platform Peripheral Access Control Registers (OPACRs)
Each of the off-platform peripherals have an Off-platform Peripheral Access Control Register (OPACR)
which defines the access levels supported by the given module. Each OPACR has a format identical to the
PACR described in Section 16.4.3.2, “Peripheral Access Control Registers (PACR).”
Each OPACR corresponds to the equivalent off-platform peripheral; OPACR0 corresponds to off-platform
peripheral0, etc., with OPACR32 corresponding to off-platform global peripheral0, and OPACR33
corresponding toff-platform global peripheral1.
Presence or absence of a particular OPACR is design implementation dependent. When absent, the
corresponding OPACR is not implemented and will read as 0’s. Writes will be ignored.
16.5
Functional Description
The AIPS serves as an interface between an AHB 2.v6 system bus and the IPS peripheral bus. It functions
as a protocol translator. Accesses which fall within the address space of the AIPS are decoded to provide
individual module selects for peripheral devices on the IPS interface.
16.5.1
AIPS Scalability
The AIPS is configurable to support eight masters, from one to thirty-two fixed-size on-platform
peripherals, thirty-two fixed-size off-platform peripherals, and two off-platform global peripherals.
16.5.1.1
Peripheral Presence
When a particular peripheral or set of peripherals are not present in a design, those peripheral memory
spaces which are not present will not be accessible by software and will be terminated with an AHB
ERROR response by the AIPS.
2
SP
Supervisor Protect. This bit determines whether the peripheral requires supervisor privilege level for access.
0 This peripheral does not require supervisor privilege level for accesses.
1 This peripheral requires supervisor privilege level for accesses. The master privilege level must indicate
supervisor via the hprot[1] access attribute, and the MPROTx[MPL] control bit for the master must be set. If not,
the access is terminated with an error response and no peripheral access is initiated on the IPS bus.
3
Reserved, should be cleared.
Table 16-5. PACR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com